Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6516UKP075 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6516UKP075
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6516UKP075 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6516UKP075 Datasheet HTML 2Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 3Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 4Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 5Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 6Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 7Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 8Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 9Page - Maxim Integrated Products MAX6516UKP075 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
_______________________________________________________________________________________
9
MAX6517/
MAX6519
HYST
NETWORK
FIXED
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
TUNDER
HYST
OUT
COLD
TTH
+25
°C
HOT
V
TUNDER
MAX6517/MAX6519 (COLD THRESHOLD)
WITH 100k
Ω PULLUP
MAX6516/
MAX6518
HYST
NETWORK
FIXED
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
HYST
OUT
TUNDER
COLD
TTH
+25
°C
HOT
V
TUNDER
MAX6516/MAX6518 (COLD THRESHOLD)
TEMP
TEMP
MAX6517/
MAX6519
HYST
NETWORK
FIXED
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
TOVER
HYST
OUT
COLD
+25
°CTTH
HOT
V
TOVER
MAX6517/MAX6519 (HOT THRESHOLD)
WITH 100k
Ω PULLUP
MAX6516/
MAX6518
HYST
NETWORK
FIXED
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
HYST
OUT
TOVER
COLD
+25
°CTTH
HOT
V
TOVER
MAX6516/MAX6518 (HOT THRESHOLD)
TEMP
TEMP
Functional Diagram


Similar Part No. - MAX6516UKP075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516UK MAXIM-MAX6516UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6516UKP075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com