Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6514UKP115 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6514UKP115
Description  Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6514UKP115 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6514UKP115 Datasheet HTML 1Page - Maxim Integrated Products MAX6514UKP115 Datasheet HTML 2Page - Maxim Integrated Products MAX6514UKP115 Datasheet HTML 3Page - Maxim Integrated Products MAX6514UKP115 Datasheet HTML 4Page - Maxim Integrated Products MAX6514UKP115 Datasheet HTML 5Page - Maxim Integrated Products MAX6514UKP115 Datasheet HTML 6Page - Maxim Integrated Products MAX6514UKP115 Datasheet HTML 7Page - Maxim Integrated Products MAX6514UKP115 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost, 2.7V to 5.5V Temperature Switches
in a SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, RPULLUP = 100k
Ω, (open-drain output only), TA = -55°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: The MAX6514/MAX6515 are available with internal factory-programmed temperature trip thresholds from -45°C to +15°C
and +35°C to +115°C in 10°C increments.
Note 3: VCC must be greater than 4.5V for a switching threshold of -45°C.
Note 4: Guaranteed by design.
All Voltages Are Referenced to GND
VCC ..........................................................................-0.3V to +6V
TOVER, TUNDER (open drain)................................ -0.3V to +6V
TOVER, TUNDER (push-pull)....................... -0.3V to VCC + 0.3V
HYST .............................................................-0.3V to VCC + 0.3V
Continuous Power Dissipation
SOT23 (derate 3.1mW/°C above +70°C) .....................247mW
Operating Temperature Range ........................-55°C to +125°C
Junction Temperature ..................................................... +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
Soldering Temperature ....................................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
2.7
5.5
V
Hot-temperature thresholds
(+35°C to +115°C)
22
40
Supply Current
ICC
Cold-temperature thresholds
(-45°C to +15°C)
40
µA
-15°C to +65°C
-1.5
+1.5
+75°C to +115°C
-2.5
+2.5
Temperature Threshold Accuracy
(Note 2)
ΔTTH
-45°C to -25°C (Note 3)
-3
+3
°C
HYST = VCC
2
Temperature Threshold
Hysteresis
THYST
HYST = GND
10
°C
VIH
0.8 x VCC
HYST Input Threshold (Note 4)
VIL
0.2 x VCC
V
ISOURCE = 500µA, VCC > 2.7V
0.8 x VCC
Logic Output Voltage High
(Push-Pull)
VOH
ISOURCE = 800µA, VCC > 4.5V
VCC - 1.5
V
ISINK = 1.2mA, VCC > 2.7V
0.3
Logic Output Voltage Low
(Push-Pull and Open Drain)
VOL
ISINK = 3.2mA, VCC > 4.5V
0.4
V
Open-Drain Output Leakage
Current
VCC = 2.7V, open-drain output = 5.5V
10
nA


Similar Part No. - MAX6514UKP115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6514UKP115 MAXIM-MAX6514UKP115 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
More results

Similar Description - MAX6514UKP115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com