Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9132GUV Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9132GUV
Description  Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9132GUV Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9132GUV Datasheet HTML 6Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 7Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 8Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 9Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 10Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 11Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 12Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 13Page - Maxim Integrated Products MAX9132GUV Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Programmable, High-Speed, Multiple
Input/Output LVDS Crossbar Switches
10
______________________________________________________________________________________
REGISTER
ADDRESS
REGISTER BIT(S)
DESCRIPTION
VALUE
FUNCTION
0
DOUT1 preemphasis off
D7
DOUT1 Preemphasis
1
DOUT1 preemphasis on
000
DOUT1 in high impedance
001
DOUT1 connected to DIN1
010
DOUT1 connected to DIN0
D[6:4]
DOUT1 Routing
Connection
011
DOUT1 connected to DIN2
0
DOUT0 preemphasis off
D3
DOUT0 Preemphasis
1
DOUT0 preemphasis on
000
DOUT0 in high impedance
001
DOUT0 connected to DIN1
010
DOUT0 connected to DIN0
0x01
D[2:0]
DOUT0 Routing
Connection
011
DOUT0 connected to DIN2
0
DOUT3 preemphasis off
D7
DOUT3 Preemphasis
1
DOUT3 preemphasis on
000
DOUT3 in high impedance
001
DOUT3 connected to DIN1
010
DOUT3 connected to DIN0
D[6:4]
DOUT3 Routing
Connection
011
DOUT3 connected to DIN2
0
DOUT2 preemphasis off
D3
DOUT2 Preemphasis
1
DOUT2 preemphasis on
000
DOUT2 in high impedance
001
DOUT2 connected to DIN1
010
DOUT2 connected to DIN0
0x02
(MAX9134 only)
D[2:0]
DOUT2 Routing
Connection
011
DOUT2 connected to DIN2
Table 2a. I2C/LIN Switch Routing Control Registers for the MAX9132/MAX9134
BIT 7…………….……………… BIT 0
ACK BIT
BIT 7…………….…………………BIT 0
ACK BIT
8-BIT DATA
AS
BIT 7…….…….…………BIT 0
ACK BIT
7-BIT SLAVE ID
0
AS
ADDR
AS
ADDRESS/COMMAND BYTE
S
P
SINGLE WRITE
SINGLE READ
BIT 7…………….……….BIT 0
ACK BIT
BIT 7………….…………BIT 0 ACK BIT
BIT 7…………….……………BIT 0 ACK BIT
8-BIT DATA
/AM
BIT 7…….…………BIT 0 ACK BIT
7-BIT SLAVE ID
0AS
ADDR
AS
S
7-BIT SLAVE ID
1AS
ADDRESS/COMMAND BYTE
S
P
ADDR: 8-BIT REGISTER ADDRESS
S: 2-WIRE BUS START CONDITION BY MASTER
P: 2-WIRE BUS STOP CONDITION BY MASTER
AS: ACKNOWLEDGE BY SLAVE
AM: ACKNOWLEDGE BY MASTER
/AM: NO ACKNOWLEDGE BY MASTER
Figure 2. Single-Byte Write and Single-Byte Read


Similar Part No. - MAX9132GUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9132 MAXIM-MAX9132 Datasheet
661Kb / 14P
   Fully Assembled and Tested
Rev 0; 10/08
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
   Fully Assembled and Tested
Rev 0; 10/08
MAX9132EVKIT++ MAXIM-MAX9132EVKIT+ Datasheet
661Kb / 14P
   Fully Assembled and Tested
Rev 0; 10/08
More results

Similar Description - MAX9132GUV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
867Kb / 19P
   High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220_08 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220_0805 NSC-LMH7220_0805 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
logo
Microsemi Corporation
LX1668 MICROSEMI-LX1668 Datasheet
371Kb / 15P
   PROGRAMMABLE MULTIPLE OUTPUT DC:DC CONTROLLER
logo
Texas Instruments
LMH7220 TI1-LMH7220_14 Datasheet
1Mb / 34P
[Old version datasheet]   LMH7220 High Speed Comparator with LVDS Output
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
   Multiple Input and Output Modules
logo
Synaptics Incorporated.
CX20632 CONEXANT-CX20632 Datasheet
678Kb / 2P
   Multiple input/output retaskable ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com