Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9644EBSG45 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9644EBSG45
Description  Low-Power Comparators with Precision Reference in 4-Bump UCSP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9644EBSG45 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9644EBSG45 Datasheet HTML 2Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 3Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 4Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 5Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 6Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 7Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 8Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 9Page - Maxim Integrated Products MAX9644EBSG45 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Low-Power Comparators with Precision
Reference in 4-Bump UCSP
6
_______________________________________________________________________________________
Pin Description
PIN
UCSP
SOT23
NAME
FUNCTION
A1
5
OUT
Comparator Output. The MAX9644/MAX9645 have open-drain outputs. The MAX9646 has a
push-pull output.
A2
4
IN
Comparator Input. The MAX9644/MAX9646 have noninverting inputs. The MAX9645 has
inverting inputs.
B1
1
VCC
Power-Supply Voltage. Bypass to ground with a 0.1µF bypass capacitor.
B2
2, 3
GND
Ground
MAX9644
MAX9645
MAX9646
MAX9644
MAX9645
MAX9646
A1
UCSP
SOT23
TOP VIEW (BUMPS ON BOTTOM)
A2
B1
B2
IN
GND
OUT
VCC
1
+
3
2
5
4
VCC
GND
OUT
IN
GND
Pin Configuration


Similar Part No. - MAX9644EBSG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9644EVKIT MAXIM-MAX9644EVKIT Datasheet
821Kb / 8P
   -0.3V to 5.5V Input Voltage Range
Rev 0; 7/11
More results

Similar Description - MAX9644EBSG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX9060 MAXIM-MAX9060 Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9060 MAXIM-MAX9060_10 Datasheet
350Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 2; 10/10
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX6023 MAXIM-MAX6023 Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com