Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9880AEWM Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9880AEWM
Description  Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9880AEWM Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9880AEWM Datasheet HTML 1Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 2Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 3Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 4Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 5Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 6Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 7Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 8Page - Maxim Integrated Products MAX9880AEWM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
Low-Power, High-Performance
Dual I2S Stereo Audio Codec
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VPVDD = VMICVDD = VDVDD = VDVDDS1 = +1.8V, RL =
∞, headphone load (RL) connected between _OUTP and _OUTN, dif-
ferential modes, CREF = 2.2µF, CMICBIAS = CPREG = CREG = 1µF, AVPRE = +20dB, AVPGAM = 0dB, AVDAC = 0dB, AVLINE = +20dB,
AVVOL = 0dB, AVLO = 0dB, fMCLK = 13MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC (Note 4)
Master or slave mode
96
Dynamic Range
(Note 5)
DR
fS = 48kHz, AVVOL = 0dB,
TA = +25°C
Slave mode
88
dB
Differential mode
1
Full-Scale Output
Capacitorless and single-ended modes
0.56
VRMS
Gain Error
DC accuracy, measured with respect to full-scale
output
1
5
%
fS = 8kHz
1.2
Voice Path Phase Delay
PDLY
1kHz, 0dB input, highpass
filter disabled measured from
digital input to analog output;
MODE = 0 (IIR voice)
fS = 16kHz
0.59
ms
Total Harmonic
Distortion
THD
fMCLK = 12.288MHz, fS = 48kHz, 0dBFS, measured
at headphone outputs
-75
dB
DAC Attenuation Range
AVDAC
VDACA/SDACA = 0xF to 0x0
-15
0
dB
DAC Gain Adjust
AVGAIN
VDACG = 00 to 11
0
+18
dB
VAVDD = VPVDD = 1.65V to 1.95V
85
f = 217Hz, VRIPPLE = 100mVP-P, AVVOL = 0dB
85
f = 1kHz, VRIPPLE = 100mVP-P, AVVOL = 0dB
80
Power-Supply Rejection
Ratio
PSRR
f = 10kHz, VRIPPLE = 100mVP-P, AVVOL = 0dB
74
dB
DAC VOICE MODE DIGITAL IIR LOWPASS FILTER (6x Interpolation)
With respect to fS within ripple; fS = 8kHz to 48kHz
0.448 x fS
Passband Cutoff
fPLP
-3dB cutoff
0.451 x fS
Hz
Passband Ripple
f < fPLP
±0.1
dB
Stopband Cutoff
fSLP
With respect to fS; fS = 8kHz to 48kHz
0.476 x fS
Hz
Stopband Attenuation
f > fSLP, f = 20Hz to 20kHz
75
dB
DAC VOICE MODE DIGITAL 5th-ORDER IIR HIGHPASS FILTER
DVFLT = 0x1
(Elliptical tuned for 16kHz GSM + 217Hz notch)
0.0161 x
fS
DVFLT = 0x2
(500Hz Butterworth tuned for 16kHz)
0.0312 x
fS
DVFLT = 0x3
(Elliptical tuned for 8kHz GSM + 217Hz notch)
0.0321 x
fS
DVFLT = 0x4
(500Hz Butterworth tuned for 8kHz)
0.0625 x
fS
5th-Order Passband
Cutoff
(-3dB from Peak,
I2C Register
Programmable)
fDHPPB
DVFLT = 0x5
(fS/240 Butterworth)
0.0042 x
fS
Hz


Similar Part No. - MAX9880AEWM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9880AEWM++ MAXIM-MAX9880AEWM+ Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec
Rev 0; 7/10
More results

Similar Description - MAX9880AEWM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_V01 Datasheet
3Mb / 74P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec
19-5139; Rev 2; 8/20
MAX9880A MAXIM-MAX9880A Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec
Rev 0; 7/10
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
   I2S/PCM Audio Interfaces Stereo CODEC
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com