Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11626EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11626EEE
Description  12-Bit, 300ksps ADCs with FIFO and Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11626EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11626EEE Datasheet HTML 1Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 2Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 3Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 4Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 5Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 6Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 7Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 8Page - Maxim Integrated Products MAX11626EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
12-Bit, 300ksps ADCs
with FIFO and Internal Reference
4
_______________________________________________________________________________________
Note 1: MAX11627/MAX11629/MAX11633 tested at VDD = +3V. MAX11626/MAX11628/MAX11632 tested at VDD = +5V.
Note 2: Offset nulled.
Note 3: Time for reference to power up and settle to within 1 LSB.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 5: See Figure 3 (Equivalent Input Circuit) and the Sampling Error vs. Source Impedance curve in the
Typical Operating
Characteristics section.
Note 6: Supply current is specified depending on whether an internal or external reference is used for voltage conversions.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX11627/MAX11629/MAX11633); VDD = +4.75V to +5.25V (MAX11626/MAX11628/MAX11632), fSAMPLE =
300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 2.5V (MAX11627//MAX11629/MAX11633); VREF = 4.096V (MAX11626/MAX11628/
MAX11632), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN,
CS, CNVST)
MAX11626/MAX11628/MAX11632
0.8
Input Voltage Low
VIL
MAX11627/MAX11629/MAX11633
VDD x 0.3
V
MAX11626/MAX11628/MAX11632
2.0
Input Voltage High
VIH
MAX11627/MAX11629/MAX11633
VDD x 0.7
V
Input Hysteresis
VHYST
200
mV
Input Leakage Current
IIN
VIN = 0V or VDD
±0.01
±1.0
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUTS (DOUT,
EOC)
ISINK = 2mA
0.4
Output Voltage Low
VOL
ISINK = 4mA
0.8
V
Output Voltage High
VOH
ISOURCE = 1.5mA
VDD - 0.5
V
Three-State Leakage Current
IL
CS = VDD
±0.05
±1
µA
Three-State Output Capacitance
COUT
CS = VDD
15
pF
POWER REQUIREMENTS
MAX11626/MAX11628/MAX11632
4.75
5.25
Supply Voltage
VDD
MAX11627/MAX11629/MAX11633
2.7
3.6
V
fSAMPLE = 300ksps
1750
2000
fSAMPLE = 0, REF on
1000
1200
Internal
reference
Shutdown
0.2
5
fSAMPLE = 300ksps
1050
1200
MAX11627/MAX11629/MAX11633
Supply Current (Note 6)
IDD
External
reference
Shutdown
0.2
5
µA
fSAMPLE = 300ksps
2300
2550
fSAMPLE = 0, REF on
1050
1350
Internal
reference
Shutdown
0.2
5
fSAMPLE = 300ksps
1550
1700
MAX11626/MAX11628/MAX11632
Supply Current (Note 6)
IDD
External
reference
Shutdown
0.2
5
µA
VDD = 2.7V to 3.6V; full-scale input
±0.2
±1
Power-Supply Rejection
PSR
VDD = 4.75V to 5.25V; full-scale input
±0.2
±1.2
mV


Similar Part No. - MAX11626EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11626EEE MAXIM-MAX11626EEE Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
MAX11626EEE++ MAXIM-MAX11626EEE+ Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
More results

Similar Description - MAX11626EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com