Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11627EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11627EEE
Description  12-Bit, 300ksps ADCs with FIFO and Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11627EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11627EEE Datasheet HTML 4Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 5Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 6Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 7Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 8Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 9Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 10Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 11Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
12-Bit, 300ksps ADCs
with FIFO and Internal Reference
8
_______________________________________________________________________________________
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPARATURE (°C)
60
35
10
-15
4.08
4.09
4.10
4.11
4.12
4.07
-40
85
MAX11626/MAX11628/MAX11632
VDD = 5V
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPARATURE (°C)
60
35
10
-15
2.48
2.49
2.50
2.51
2.52
2.47
-40
85
MAX11627/MAX11629/MAX11633
VDD = 3V
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
5.15
5.05
4.95
4.85
-0.4
-0.2
0
0.2
0.4
0.6
-0.6
4.75
5.25
MAX11626/MAX11628/MAX11632
fSAMPLE = 300ksps
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
3.3
3.0
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
1.00
2.7
3.6
MAX11627/MAX11629/MAX11633
fSAMPLE = 300ksps
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-0.6
-0.2
0.2
0.6
1.0
-1.0
-40
85
MAX11626/MAX11628/MAX11632
fSAMPLE = 300ksps
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.7
0.9
1.1
1.3
1.5
0.5
-40
85
MAX11627/MAX11629/MAX11633
fSAMPLE = 300ksps
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
0
-40
85
MAX11627/MAX11629/MAX11633
VDD = 3V
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VDD (V)
5.15
5.05
4.95
4.85
4.095
4.096
4.097
4.098
4.099
4.094
4.75
5.25
MAX11626/MAX11628/MAX11632
VDD = 5V
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VDD (V)
3.3
3.0
2.498
2.499
2.500
2.501
2.502
2.497
2.7
3.6
MAX11627/MAX11629/MAX11633
VDD = 3V
Typical Operating Characteristics (continued)
(VDD = +3V, VREF = +2.5V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX11627EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11627EEE MAXIM-MAX11627EEE Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
MAX11627EEE++ MAXIM-MAX11627EEE+ Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
More results

Similar Description - MAX11627EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com