Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14566AE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14566AE
Description  USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14566AE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14566AE Datasheet HTML 5Page - Maxim Integrated Products MAX14566AE Datasheet HTML 6Page - Maxim Integrated Products MAX14566AE Datasheet HTML 7Page - Maxim Integrated Products MAX14566AE Datasheet HTML 8Page - Maxim Integrated Products MAX14566AE Datasheet HTML 9Page - Maxim Integrated Products MAX14566AE Datasheet HTML 10Page - Maxim Integrated Products MAX14566AE Datasheet HTML 11Page - Maxim Integrated Products MAX14566AE Datasheet HTML 12Page - Maxim Integrated Products MAX14566AE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
USB Host Charger Identification
Analog Switches
9
Pin Configuration
Pin Description
1
3
4
8
6
5
CB
TDP
VCC
MAX14566E
MAX14566AE
2
7
TDM
CEN
(CEN)
DP
GND
DM
TDFN
(2mm × 2mm)
TOP VIEW
( ) FOR MAX14566AE ONLY
*CONNECT EP TO GND.
*EP
1
3
4
8
6
5
CB
TDP
VCC
MAX14566BE
2
7
TDM
CB1
DP
GND
DM
TDFN
(2mm × 2mm)
TOP VIEW
*EP
PIN
NAME
FUNCTION
MAX14566E
MAX14566AE
MAX14566BE
1
CEN
nMOSFET Open-Drain Output, Current-Limit Switch (CLS) Control
Output. If CB changes from logic 0 to logic 1 or from logic 1 to
logic 0, CEN is low for 1s (typ).
1
CEN
Active-Low pMOSFET Open-Drain Output, Current-Limit Switch
(CLS) Control Output. If CB changes from logic 0 to logic 1 or
logic 1 to logic 0, CEN is high for 1s (typ).
1
CB1
Switch Control Bit. See Table 2.
2
2
2
DM
USB Connector D- Connection
3
3
3
DP
USB Connector D+ Connection
4
4
4
GND
Ground
5
5
5
VCC
Power Supply. Connect a 0.1FF capacitor between VCC and GND
as close as possible to the device.
6
6
6
TDP
Host USB Transceiver D+ Connection
7
7
7
TDM
Host USB Transceiver D- Connection
8
8
8
CB
Switch Control Bit. See Table 1.
CB = logic 0, charger mode
CB = logic 1 (PM), pass-through mode active, DP/DM connected
to TDP/TDM
EP
Exposed Pad. Connect EP to ground. Do not use EP as the only
ground connection.


Similar Part No. - MAX14566AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14566AE MAXIM-MAX14566AE Datasheet
1Mb / 10P
   Proven PCB Layout
Rev 0; 4/11
More results

Similar Description - MAX14566AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG55566 RENESAS-SLG55566 Datasheet
228Kb / 9P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55594 RENESAS-SLG55594 Datasheet
417Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55587 RENESAS-SLG55587 Datasheet
244Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55596 RENESAS-SLG55596 Datasheet
471Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55584 RENESAS-SLG55584 Datasheet
257Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55583 RENESAS-SLG55583 Datasheet
258Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55590 RENESAS-SLG55590 Datasheet
330Kb / 10P
   USB Host Charger Identification Analog Switches
February 9, 2022
SLG55593 RENESAS-SLG55593 Datasheet
326Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55550 RENESAS-SLG55550 Datasheet
233Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
logo
Maxim Integrated Produc...
MAX14550E MAXIM-MAX14550E Datasheet
1Mb / 17P
   USB Host Charger Identification Analog Switch
19-4745; Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com