Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6518UKN035 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6518UKN035
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6518UKN035 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6518UKN035 Datasheet HTML 2Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 3Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 4Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 5Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 6Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 7Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 8Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 9Page - Maxim Integrated Products MAX6518UKN035 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
• Calculate the temperature using the formula:
• Verify that the temperature measured is within ±2°C
of the ambient board temperature. Measure the
ambient board temperature using an accurate cali-
brated temperature sensor.
• Connect OUT to ground (OUT to VCC for cold
threshold versions) and observe the state change of
the logic output.
• Disconnect OUT from ground and observe that the
logic output reverts to its initial state.
Hysteresis Testing
The MAX6516–MAX6519 can be programmed with 2°C
or 10°C of hysteresis by pin strapping HYST to VCC or
GND, respectively. Below is a test feature that can be
used to measure the accuracy of the device’s hystere-
sis using a device with a +65°C threshold:
• Power up the device and observe the state of the
digital output.
• Drive the OUT voltage down gradually.
• When the digital output changes state, note VOUT.
•VOUTtrip = VOUT at logic output change of state
(high to low or low to high).
• Calculate trip temperature (T1) using:
• Gradually raise VOUT until the digital output reverts to
its initial state and note VOUT.
• Calculate trip temperature (T2).
•THYST = T2 - T1.
Thermal Considerations
The MAX6516–MAX6519 supply current is typically 22µA.
When used to drive high-impedance loads, the devices
dissipate negligible power. Therefore, the die tempera-
ture is essentially the same as the package temperature.
Accurate temperature monitoring depends on the thermal
resistance between the device being monitored and the
MAX6516–MAX6519 die. Heat flows in and out of plastic
packages, primarily through the leads. Pin 2 of the 5-pin
SOT23 package provides the lowest thermal resistance to
the die. Short, wide copper traces between the
MAX6516–MAX6519 and the object whose temperature
is being monitored ensures heat transfers occur quickly
and reliably. The rise in die temperature due to self-heat-
ing is given by the following formula:
ΔTJ = PDISSIPATION θJA
where PDISSIPATION is the power dissipated by the
MAX6516–MAX6519, and
θJA is the thermal resistance
of the package.
The typical thermal resistance is 140°C/W for the
5-pin SOT23 package. To limit the effects of self-
heating, minimize the output current. For example, if the
MAX6516–MAX6519 sink 1mA, the open-drain output
voltage is guaranteed to be less than 0.3V. Therefore,
an additional 0.3mW of power is dissipated within the
IC. This corresponds to a 0.042°C shift in the die tem-
perature in the 5-pin SOT23 package.
Chip Information
PROCESS: BiCMOS
T
VOUT
=+
1 8015
0 01062
30
.
.
T
VOUT
=+
1 8015
0 01062
30
.
.
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
_______________________________________________________________________________________
7


Similar Part No. - MAX6518UKN035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6518UK MAXIM-MAX6518UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6518UKN035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com