Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14566BE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14566BE
Description  USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14566BE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14566BE Datasheet HTML 7Page - Maxim Integrated Products MAX14566BE Datasheet HTML 8Page - Maxim Integrated Products MAX14566BE Datasheet HTML 9Page - Maxim Integrated Products MAX14566BE Datasheet HTML 10Page - Maxim Integrated Products MAX14566BE Datasheet HTML 11Page - Maxim Integrated Products MAX14566BE Datasheet HTML 12Page - Maxim Integrated Products MAX14566BE Datasheet HTML 13Page - Maxim Integrated Products MAX14566BE Datasheet HTML 14Page - Maxim Integrated Products MAX14566BE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
USB Host Charger Identification
Analog Switches
11
with CB1. Connect CB1 to a logic-level low for auto mode
(AM) or connect CB1 to a logic-level high for forced
dedicated-charger mode (FM).
Autodetection
All the devices feature autodetection charger mode for
dedicated chargers and USB masters. CB must be set
low to activate autodetection charger mode.
In autodetection charger mode, the MAX14566E moni-
tors the voltages at DM and DP to determine the type of
the device attached. If the voltage at DM is +2.3V (typ)
or higher and the voltage at DP is +2.3V (typ) or lower,
the voltage stays unchanged.
If the voltage at DM is forced below the +2.3V (typ)
threshold, the internal switch disconnects DM and DP
from the resistor-divider and DP and DM are shorted
together for dedicated charging mode.
If the voltage at DP is forced higher than the +2.3V (typ)
threshold, the internal switch disconnects DM and DP
from the resistor-divider and DP and DM are shorted
together for dedicated charging mode.
Once the charging voltage is removed, the short between
DP and DM is disconnected for normal operation.
Automatic Peripheral Reset
The MAX14566E/MAX14566AE feature automatic current-
limit switch control output. This feature resets the peripher-
al connected to VBUS in the event the USB host switches to
or from standby mode. CEN/CEN provide a 1s (typ) pulse
on the rising or falling edge of CB (Figures 4, 5, and 6).
Table 1. Digital Input State (MAX14566E/MAX14566AE)
Table 2. Digital Input State (MAX14566BE)
Figure 4. MAX14566E Peripheral Reset Timing Diagram
X = Don't care.
ATTACH
CEN
VBUS
CB
5V
AM
PM
PM
AM
USB PERIPHERAL
STANDBY
tVBT
USB CONNECTION
CHARGING CURRENT
1000mA
500mA
1000mA
500mA
1000mA
CB
MODE
DP/DM
COMMENT
INTERNAL RESISTOR-DIVIDER
0
AM
Autodetection Circuit Active
Auto Mode
Connected
1
PM
Connected to TDP/TDM
USB Traffic Active
Not Connected
CB
CB1
MODE
STATUS
0
0
AM
Auto Mode
0
1
FM
Forced Dedicated-Charger Mode: DP/DM Shorted
1
X
PM
Pass-Through (USB) Mode: Connect DP/DM to TDP/TDM


Similar Part No. - MAX14566BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14566BE MAXIM-MAX14566BE Datasheet
1Mb / 10P
   Proven PCB Layout
Rev 0; 4/11
More results

Similar Description - MAX14566BE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG55566 RENESAS-SLG55566 Datasheet
228Kb / 9P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55594 RENESAS-SLG55594 Datasheet
417Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55587 RENESAS-SLG55587 Datasheet
244Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55596 RENESAS-SLG55596 Datasheet
471Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55584 RENESAS-SLG55584 Datasheet
257Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55583 RENESAS-SLG55583 Datasheet
258Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55590 RENESAS-SLG55590 Datasheet
330Kb / 10P
   USB Host Charger Identification Analog Switches
February 9, 2022
SLG55593 RENESAS-SLG55593 Datasheet
326Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
SLG55550 RENESAS-SLG55550 Datasheet
233Kb / 10P
   USB Host Charger Identification Analog Switches
February 8, 2022
logo
Maxim Integrated Produc...
MAX14550E MAXIM-MAX14550E Datasheet
1Mb / 17P
   USB Host Charger Identification Analog Switch
19-4745; Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com