Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-720 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK400-720
Description  3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-720 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK400-720 Datasheet HTML 1Page - Sanyo Semicon Device STK400-720 Datasheet HTML 2Page - Sanyo Semicon Device STK400-720 Datasheet HTML 3Page - Sanyo Semicon Device STK400-720 Datasheet HTML 4Page - Sanyo Semicon Device STK400-720 Datasheet HTML 5Page - Sanyo Semicon Device STK400-720 Datasheet HTML 6Page - Sanyo Semicon Device STK400-720 Datasheet HTML 7Page - Sanyo Semicon Device STK400-720 Datasheet HTML 8Page - Sanyo Semicon Device STK400-720 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Operating Characteristics at Ta = 25°C, RL = 6 Ω, Rg = 600 Ω, VG = 40 dB, RL (noninductive)
Internal Equivalent Circuit
Notes
• Use rated power supply for testing unless otherwise specified.
• When measuring permissible load short time and output noise voltage, use transformer power supply indicated below.
• Output noise voltage is represented by the peak value rms (VTVM) for mean reading. Use an AC stabilized power
supply (50 Hz) on the primary side to eliminate the effect of AC flicker noise.
No. 4830-2/10
STK400-020
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC =± 24 V
30
90
150
mA
Output power
PO (1)
VCC = ±20 V, f = 20 Hz to 20 kHz, THD = 0.4%
15
20
W
PO (2)
VCC = ±16 V, f = 1 kHz, THD = 1.0%, RL = 3 Ω
15
20
W
Total harmonic distortion
THD (1)
VCC = ±20 V, f = 20 Hz to 20 kHz, PO = 1.0 W
0.4
%
THD (2)
VCC = ±20 V, f = 1 kHz, PO = 5.0 W
0.02
%
Frequency response
fL, fH
VCC = ±20 V, PO = 1.0 W,
dB
20 to 50 k
Hz
Input impedance
ri
VCC = ±20 V, f = 1 kHz, PO = 1.0 W
55
k
Output noise voltage
VNO
VCC = ±24 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±24 V
–70
0
+70
mV
+0
–3


Similar Part No. - STK400-720

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-720 SANYO-STK400-720 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-720 SANYO-STK400-720 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-720 SANYO-STK400-720 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-720 SANYO-STK400-720 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK400-720 SANYO-STK400-720 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Similar Description - STK400-720

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com