Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11115 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11115
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11115 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11115 Datasheet HTML 1Page - Maxim Integrated Products MAX11115 Datasheet HTML 2Page - Maxim Integrated Products MAX11115 Datasheet HTML 3Page - Maxim Integrated Products MAX11115 Datasheet HTML 4Page - Maxim Integrated Products MAX11115 Datasheet HTML 5Page - Maxim Integrated Products MAX11115 Datasheet HTML 6Page - Maxim Integrated Products MAX11115 Datasheet HTML 7Page - Maxim Integrated Products MAX11115 Datasheet HTML 8Page - Maxim Integrated Products MAX11115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
General Description
The MAX11102/MAX11103/MAX11105/MAX11106/
MAX11110/M A X 1 1 1 1 1 / M A X 1 1 1 1 5 / M A X 1 1 1 1 6 /
MAX11117 are 12-/10-/8-bit, compact, high-speed, low-
power, successive approximation analog-to-digital con-
verters (ADCs). These high-performance ADCs include a
high-dynamic range sample-and-hold and a high-speed
serial interface. These ADCs accept a full-scale input
from 0V to the power supply or to the reference voltage.
The MAX11102/MAX11103/MAX11106/MAX11111 fea-
ture dual, single-ended analog inputs connected to the
ADC core using a 2:1 MUX. The devices also include a
separate supply input for data interface and a dedicated
input for reference voltage. In contrast, the single-chan-
nel devices generate the reference voltage internally
from the power supply.
These ADCs operate from a 2.2V to 3.6V supply and
consume only 5.2mW at 3Msps and 3.7mW at 2Msps.
The devices include full power-down mode and fast
wake-up for optimal power management and a high-
speed 3-wire serial interface. The 3-wire serial interface
directly connects to SPIK, QSPIK, and MICROWIREK
devices without external logic.
Excellent dynamic performance, low voltage, low power,
ease of use, and small package size make these con-
verters ideal for portable battery-powered data-acquisi-
tion applications, and for other applications that demand
low-power consumption and minimal space.
These ADCs are available in a 10-pin TDFN package,
10-pin FMAX® package, and a 6-pin SOT23 package.
These devices operate over the -40NC to +125NC tem-
perature range.
Features
S
2Msps/3Msps Conversion Rate, No Pipeline Delay
S
12-/10-/8-Bit Resolution
S
1-/2-Channel, Single-Ended Analog Inputs
S
Low-Noise 73dB SNR
S
Variable I/O: 1.5V to 3.6V (Dual-Channel Only)
Allows the Serial Interface to Connect Directly
to 1.5V, 1.8V, 2.5V, or 3V Digital Systems
S
2.2V to 3.6V Supply Voltage
S
Low Power
3.7mW at 2Msps
5.2mW at 3Msps
Very Low Power Consumption at 2.5µA/ksps
S
External Reference Input (Dual-Channel Devices Only)
S
1.3µA Power-Down Current
S
SPI-/QSPI-/MICROWIRE-Compatible Serial
Interface
S
10-Pin, 3mm x 3mm TDFN Package
S
10-Pin, 3mm x 5mm µMAX Package
S
6-Pin, 2.8mm x 2.9mm SOT23 Package
S
Wide -40NC to +125NC Operation
Applications
Data Acquisition
Portable Data Logging
Medical Instrumentation
Battery-Operated Systems
Communication Systems
Automotive Systems
19-5245; Rev 4; 2/11
Note: All devices are specified over the -40°C to +125°C operating temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Ordering Information continued at end of data sheet.
Ordering Information
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
EVALUATION
KIT
AVAILABLE
PART
PIN-PACKAGE
BITS
SPEED (Msps)
NO. OF CHANNELS
MAX11102AUB+
10 FMAX-EP*
12
2
2
MAX11102ATB+
10 TDFN-EP*
12
2
2
MAX11103AUB+
10 FMAX-EP*
12
3
2


Similar Part No. - MAX11115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11115 MAXIM-MAX11115 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11115AUT++ MAXIM-MAX11115AUT+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11115AUT++ MAXIM-MAX11115AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11115 MAXIM-MAX11115_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
More results

Similar Description - MAX11115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com