Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11115 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11115
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11115 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11115 Datasheet HTML 7Page - Maxim Integrated Products MAX11115 Datasheet HTML 8Page - Maxim Integrated Products MAX11115 Datasheet HTML 9Page - Maxim Integrated Products MAX11115 Datasheet HTML 10Page - Maxim Integrated Products MAX11115 Datasheet HTML 11Page - Maxim Integrated Products MAX11115 Datasheet HTML 12Page - Maxim Integrated Products MAX11115 Datasheet HTML 13Page - Maxim Integrated Products MAX11115 Datasheet HTML 14Page - Maxim Integrated Products MAX11115 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
______________________________________________________________________________________ 11
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11111)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 48MHz, 50% duty cycle, 3Msps, CDOUT = 10pF, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
INL
Q
0.15
LSB
Differential Nonlinearity
DNL
No missing codes
Q
0.15
LSB
Offset Error
OE
0.45
Q
0.7
LSB
Gain Error
GE
Excluding offset and reference errors
0
Q
0.2
LSB
Total Unadjusted Error
TUE
0.5
LSB
Channel-to-Channel Offset
Matching
0.01
LSB
Channel-to-Channel Gain
Matching
0.01
LSB
DYNAMIC PERFORMANCE
Signal-to-Noise and Distortion
SINAD
fAIN_ = 1MHz
49
49.8
dB
Signal-to-Noise Ratio
SNR
fAIN_ = 1MHz
49
49.8
dB
Total Harmonic Distortion
THD
fAIN_ = 1MHz
-75
-67
dB
Spurious-Free Dynamic Range
SFDR
fAIN_ = 1MHz
63
67
dB
Intermodulation Distortion
IMD
f1 = 1.0003MHz, f2 = 0.99955MHz
-65
dB
Full-Power Bandwidth
-3dB point
40
MHz
Full-Linear Bandwidth
SINAD > 49dB
2.5
MHz
Small-Signal Bandwidth
45
MHz
Crosstalk
-90
dB
CONVERSION RATE
Throughput
0.03
3
Msps
Conversion Time
260
ns
Acquisition Time
tACQ
52
ns
Aperture Delay
From CS falling edge
4
ns
Aperture Jitter
15
ps
Serial-Clock Frequency
fCLK
0.48
48
MHz
ANALOG INPUT (AIN1, AIN2)
Input Voltage Range
VAIN_
0
VREF
V
Input Leakage Current
IILA
0.002
Q
1
F
A
Input Capacitance
CAIN_
Track
20
pF
Hold
4
EXTERNAL REFERENCE INPUT (REF)
Reference Input Voltage Range
VREF
1
VDD +
0.05
V
Reference Input Leakage Current
IILR
Conversion stopped
0.005
Q
1
F
A
Reference Input Capacitance
CREF
5
pF


Similar Part No. - MAX11115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11115 MAXIM-MAX11115 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11115AUT++ MAXIM-MAX11115AUT+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11115AUT++ MAXIM-MAX11115AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11115 MAXIM-MAX11115_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
More results

Similar Description - MAX11115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com