Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15024BATB Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15024BATB
Description  Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15024BATB Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15024BATB Datasheet HTML 6Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 7Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 8Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 9Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 10Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 11Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 12Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 13Page - Maxim Integrated Products MAX15024BATB Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
10
______________________________________________________________________________________
Detailed Description
The MAX15024 single gate driver’s internal source and
sink transistor outputs are brought out of the IC to inde-
pendent outputs allowing control of the external
MOSFET’s rise and fall time. The MAX15024 single
gate driver is capable of sinking an 8A peak current
and sourcing a 4A peak current. The MAX15025 dual
gate drivers are capable of sinking a 4A peak current
and sourcing a 2A peak current.
An integrated adjustable low-dropout linear voltage
regulator (LDO) provides gate drive amplitude control
and optimization. The single gate-driver propagation
delay time is minimized and matched between the
inverting and noninverting inputs. The dual gate-driver
propagation delay is matched between channels.
The MAX15024 has a dual input (IN+ and IN-), allows
the use of an inverting or noninverting input, and is
offered in TTL or CMOS-logic standards. The
MAX15025 is offered with configurations of inverting
and noninverting inputs with TTL or CMOS standards
(see the
Selector Guide).
LDO Voltage Regulator Feedback Control
The MAX15024/MAX15025 include an internal LDO
designed to deliver a stable reference voltage for use
as a supply voltage for the internal MOSFET gate dri-
vers. Connect the LDO feedback FB/SET to GND to set
VREG to a stable 10V. Connect FB/SET to a resistor-
divider between VREG and GND to set VREG:
VREG = VFB/SET x (1 + R2 / R1) (see Figure 2)
VCC Undervoltage Lockout
When VCC is below the UVLO threshold, the internal n-
channel transistor is ON and the internal p-channel tran-
sistor is OFF, holding the output at GND independent of
the state of the inputs so that the external MOSFETs
remain OFF in the UVLO condition. The UVLO threshold is
3.5V (typ) with 200mV (typ) hysteresis to avoid chattering.
When the device is operated at very low temperatures
and below the UVLO threshold, the driver output could
go high impedance. In this case, it is recommended
adding a 10k
Ω resistor to PGND to discharge the gate
of the external MOSFET (see Figures 4 and 5).
Input Control
The MAX15024 features inverting and noninverting
input terminals. These inputs provide for flexibility of
design and use. Connect IN+ to VCC when using IN- as
an inverting input. Connect IN- to GND when using IN+
as a noninverting input.
Shoot-Through Protection
The MAX15024/MAX15025 provide protection that
avoids any cross-conduction between the internal p-
channel and n-channel devices. It also eliminates shoot-
through, thus reducing the quiescent supply current.
Exposed Pad (EP)
The MAX15024/MAX15025 include an exposed pad
allowing greater heat dissipation from the internal die to
the outside environment. Solder the exposed pad care-
fully to GND or thermal pad to enhance the thermal
performance.
Applications Information
Supply Bypassing, Device Grounding,
and Placement
Ample supply bypassing and device grounding are
extremely important because when large external
capacitive loads are driven, the peak current at the
VDRV pin can approach 4A, while at the PGND pin, the
peak current can approach 8A. VDRV drops and
ground shifts are forms of negative feedback for invert-
ers and, if excessive, can cause multiple switching
when the inverting input is used and the input slew rate
is low. The device driving the input should be refer-
enced to the MAX15024/MAX15025 GND. Ground
shifts due to insufficient device grounding can disturb
other circuits sharing the same AC ground return path.
Any series inductance in the VDRV, OUT_, and/or PGND
paths can cause oscillations due to the very high di/dt
that results when the MAX15024/MAX15025 are
switched with any capacitive load. A 0.1µF or larger
value ceramic capacitor is recommended for bypass-
ing VDRV to GND and should be placed as close to the
pins as possible. When driving very large loads
(> 10nF) at minimum rise time, 10µF or more of parallel
storage capacitance is recommended. A ground plane
is highly recommended to minimize ground return resis-
tance and series inductance. Care should be taken to
place the MAX15024/MAX15025 as close as possible to
the external MOSFET being driven to further minimize
board inductance and AC path resistance.


Similar Part No. - MAX15024BATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024BATB++ MAXIM-MAX15024BATB+ Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15024BATB+T MAXIM-MAX15024BATB+T Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024BATB+T MAXIM-MAX15024BATB+T Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
More results

Similar Description - MAX15024BATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com