Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6518UKP035 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6518UKP035
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6518UKP035 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6518UKP035 Datasheet HTML 1Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 2Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 3Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 4Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 5Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 6Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 7Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 8Page - Maxim Integrated Products MAX6518UKP035 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX6516–MAX6519 low-cost, fully integrated tem-
perature switches assert a logic signal when their die
temperature crosses a factory-programmed threshold.
Operating from a 2.7V to 5.5V supply, these devices
feature a fixed voltage reference, an analog tempera-
ture sensor, and a comparator. They are available with
factory-trimmed temperature trip thresholds from -45°C
to +115°C in 10°C increments, and are accurate to
±0.5°C (typ). These devices require no external compo-
nents and typically consume 22µA of supply current.
Hysteresis is pin selectable at 2°C or 10°C.
The MAX6516–MAX6519 are offered with hot-tempera-
ture thresholds (+35°C to +115°C), asserting when the
temperature is above the threshold, or with cold-tem-
perature thresholds (-45°C to +15°C), asserting when
the temperature is below the threshold.
These devices provide an analog output proportional to
temperature and are stable with any capacitive load up
to 1000pF. The MAX6516–MAX6519 can be used over a
range of -35°C to +125°C with a supply voltage of 2.7V
to 5.5V. For applications sensing temperature down to
-45°C, a supply voltage above 4.5V is required.
The MAX6516 and MAX6518 have an active-high,
push-pull output. The MAX6517 and MAX6519 have an
active-low, open-drain output. These devices are avail-
able in a space-saving 5-pin SOT23 package and oper-
ate over the -55°C to +125°C temperature range.
Applications
Features
♦ High Accuracy ±1.5°C (max) Over -15°C to +65°C
Temperature Range
♦ Low Power Consumption—22µA Typical Current
♦ Factory-Programmed Thresholds from -45°C to
+115°C in 10°C Increments
♦ Analog Output to Allow Board-Level Testing
♦ Open-Drain or Push-Pull Outputs
♦ Pin-Selectable 2°C or 10°C Hysteresis
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
MAX6517
VCC
GND
MICROCONTROLLER
INT
ADC IN
VCC
VCC
GND
HYST
OUT
TOVER
0.1
μF
100k
Ω
Typical Operating Circuit
19-3007; Rev 1; 2/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6516UK_ _ _ _+T
-55°C to +125°C
5 SOT23
MAX6517UK_ _ _ _+T
-55°C to +125°C
5 SOT23
MAX6518UK_ _ _ _+T
-55°C to +125°C
5 SOT23
MAX6519UK_ _ _ _+T
-55°C to +125°C
5 SOT23
GND
VCC
HYST
15
OUT
(MAX6516)
MAX6517
SOT23
TOP VIEW
2
34
(TOVER)
TOVER
GND
VCC
HYST
15
OUT
(MAX6516)
MAX6517
SOT23
2
34
(TUNDER)
TUNDER
GND
VCC
OUT
15
HYST
(MAX6518)
MAX6519
SOT23
2
34
(TOVER)
TOVER
GND
VCC
OUT
15
HYST
(MAX6518)
MAX6519
SOT23
2
34
(TUNDER)
TUNDER
Pin Configurations
Fan Control
Test Equipment
Temperature Control
Temperature Alarms
Over/Undertemperature
Protection
Notebook, Desktop PCs
RAID
Servers
Note: These parts are offered in 16 standard temperature ver-
sions with a minimum order of 2500 pieces. To complete the
suffix information, add P or N for positive or negative trip tem-
perature, and select an available trip point in degrees centi-
grade. For example, the MAX6516UKP065+T describes a
MAX6516 in a 5-pin SOT23 package with a +65°C threshold.
Contact the factory for pricing and availability.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Functional Diagram appears at end of data sheet.


Similar Part No. - MAX6518UKP035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6518UK MAXIM-MAX6518UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6518UKP035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com