Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15026BATD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15026BATD
Description  Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15026BATD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15026BATD Datasheet HTML 4Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 5Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 6Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 7Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 8Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 9Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 10Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 11Page - Maxim Integrated Products MAX15026BATD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Low-Cost, Small, 4.5V to 28V Wide Operating
Range, DC-DC Synchronous Buck Controller
8
_______________________________________________________________________________________
Functional Diagram
OSCILLATOR
DC-DC
AND
OSCILLATOR
ENABLE
LOGIC
VREF
RT
EN
ENABLE
COMPARATOR
OSC_ENABLE
BANDGAP
OK
GENERATOR
VCC
UVLO
DRV
UVLO
THERMAL
SHUTDOWN
AND ILIM
CURRENT
GEN
IN
UVLO
BGAP_OK
BGAP_OK
EN_INT
VL_OK
VDRV_OK
SHUTDOWN
VIN_OK
VREF
VIN_OK
VIN_OK
IBIAS
VBGAP
BGAP_OK
BGAP_OK
VDRV
VIN_OK
VBGAP
LIM
IN
VCC
INTERNAL
VOLTAGE
REGULATOR
MAIN
BIAS
CURRENT
GENERATOR
VREF = 0.6V
VBGAP = 1.24V
BANDGAP
REFERENCE
CK
ENABLE
gM
SOFT-START/
SOFT-STOP
LOGIC AND
HICCUP LOGIC
VREF
HICCUP
CK
ENABLE
DH_DL_ENABLE
VREF
VREF
CK
CK
DH_DL_ENABLE
HICCUP
TIMEOUT
FB1
DAC_VREF
PWM
COMPARATOR
RAMP
GENERATOR
SINK
CURRENT-LIMIT
COMPARATOR
PGOOD
COMPARATOR
VALLEY
CURRENT-LIMIT
COMPARATOR
PWM
PWM
CONTROL
LOGIC
BOOST
DRIVER
HIGH-
SIDE
DRIVER
LOW-
SIDE
DRIVER
RAMP
GATEP
HICCUP TIMEOUT
HICCUP
LIM/20
LIM/10
COMP
BST
DH
LX
DRV
DL
GND
FB
PGOOD
GND
MAX15026


Similar Part No. - MAX15026BATD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026BATD++ MAXIM-MAX15026BATD+ Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026BATD++ MAXIM-MAX15026BATD+ Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
More results

Similar Description - MAX15026BATD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
logo
Rohm
BD95601MUV-LB ROHM-BD95601MUV-LB Datasheet
2Mb / 25P
   4.5V to 25V Input 1ch Synchronous Buck DC/DC Controller
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Rohm
BD95602MUV ROHM-BD95602MUV Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com