Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16016 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16016
Description  Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16016 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16016 Datasheet HTML 1Page - Maxim Integrated Products MAX16016 Datasheet HTML 2Page - Maxim Integrated Products MAX16016 Datasheet HTML 3Page - Maxim Integrated Products MAX16016 Datasheet HTML 4Page - Maxim Integrated Products MAX16016 Datasheet HTML 5Page - Maxim Integrated Products MAX16016 Datasheet HTML 6Page - Maxim Integrated Products MAX16016 Datasheet HTML 7Page - Maxim Integrated Products MAX16016 Datasheet HTML 8Page - Maxim Integrated Products MAX16016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Low-Power µP Supervisory Circuits with
Battery-Backup Circuit and Chip-Enable Gating
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.53V to 5.5V, VBATT = 3V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, BATT, OUT, BATT_TEST to GND.....................-0.3V to +6V
RESET, RESET, PFO, BATTOK, WDO, BATTON,
BATT_TEST, LL, (all open-drain) to GND .................-0.3V to +6V
RESET, RESET, BATTOK, WDO, BATTON,
LL (all push-pull) to GND......................-0.3V to (VOUT + 0.3V)
WDI, PFI to GND.......................................-0.3V to (VOUT + 0.3V)
CEIN, CEOUT to GND ..............................-0.3V to (VOUT + 0.3V)
MR to GND .................................................-0.3V to (VCC + 0.3V)
Input Current
VCC Peak Current.................................................................1A
VCC Continuous Current ...............................................250mA
BATT Peak Current .......................................................500mA
BATT Continuous Current ...............................................70mA
Output Current
OUT Short Circuit to GND Duration ....................................10s
RESET, RESET, BATTON ....................................................20mA
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (derate 24.4mW/°C above +70°C) .......1951mW
16-Pin TQFN (derate 25mW/°C above +70°C) ..........2000mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
TDFN ............................................................................+260°C
TQFN............................................................................+240°C
PACKAGE THERMAL CHARACTERISTICS (Note 1)
TDFN
Junction-to Ambient Thermal Resistance (
θJA) ...........41°C/W
Junction-to Case Thermal Resistance (
θJC) ..................9°C/W
TQFN
Junction-to Ambient Thermal Resistance (
θJA) ...........40°C/W
Junction-to Case Thermal Resistance (
θJC) ..................6°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range (Note 3)
VCC, VBATT VCC or VBATT > VTH
0
5.5
V
VCC = 1.62V
1.2
2
VCC = 2.8V
1.9
3
VCC = 3.6V
2.3
3.5
Supply Current
ICC
VCC > VTH
VCC = 5.5V
3.4
5
µA
Supply Current in
Battery-Backup Mode
IBATT
VCC = 0V
0.25
0.5
µA
VCC Switchover Threshold Voltage
VCC rising, VCC - VBATT
0.1
x VCC
V
BATT Switchover Threshold
Voltage
VCC falling, VCC < VTH, VCC - VBATT
0mV
BATT Standby Current
VCC > VBATT + 0.2V
-10
+10
nA
BATT Freshness Leakage Current
VBATT = 5.5V
20
nA
VCC = 4.75V, IOUT = 150mA
1.4
4.5
VCC = 3.15V, IOUT = 65mA
1.7
4.5
VCC = 2.35V, IOUT = 25mA
2.1
5.0
VCC to OUT On-Resistance
RON
VCC = 1.91V, IOUT = 10mA
2.6
5.5
VBATT = 4.5V, IOUT = 20mA
VBATT - 0.1
Output Voltage in
Battery-Backup Mode
VOUT
VBATT = 2.5V, IOUT = 20mA
VBATT - 0.15
V
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.


Similar Part No. - MAX16016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
More results

Similar Description - MAX16016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com