Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15025AATV Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15025AATV
Description  Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15025AATV Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15025AATV Datasheet HTML 3Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 4Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 5Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 6Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 7Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 8Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 9Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 10Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
_______________________________________________________________________________________
7
RISE TIME vs. SUPPLY VOLTAGE
(DUAL DRIVER WITH 5nF LOAD)
SUPPLY VOLTAGE (V)
19
18
17
16
15
14
13
12
11
10
20
30
40
0
10
20
TA = +125
°C
MAX15025
TA = +85
°C
TA = +25
°C
TA = -40
°C
TA = 0
°C
FALL TIME vs. SUPPLY VOLTAGE
(WITH 5nF LOAD)
SUPPLY VOLTAGE (V)
18
16
14
12
15
20
25
30
10
10
20
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
TA = 0
°C
MAX15025
PROPAGATION DELAY TIME
vs. TEMPERATURE (1nF LOAD)
TEMPERATURE (
°C)
120
100
80
60
40
20
0
-20
-40
8
10
12
14
16
18
6
-60
140
RISING
FALLING
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(PROGRAMMED EXTERNALLY TO 5V)
SUPPLY VOLTAGE (V)
18
16
14
12
10
8
6
4
2
500
1000
1500
2000
2500
0
020
1MHz
500kHz
75kHz
40kHz
100kHz
SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (nF)
8000
6000
4000
2000
6
12
18
24
30
0
0
10,000
SWITCHING
250kHz
VCC = VREG = VDRV = 10V
NOT SWITCHING
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
40
0
200
400
600
800
1000
1200
1400
1600
1800
0
-40
120
SWITCHING
250kHz
NOT SWITCHING
VCC = VREG = VDRV = 10V
INPUT THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE (TTL)
SUPPLY VOLTAGE (V)
16
12
8
0.5
1.0
1.5
2.0
2.5
3.0
0
420
RISING
FALLING
SUPPLY CURRENT
vs. LOGIC IN
INPUT VOLTAGE (V)
5
4
1
2
3
200
400
600
800
1000
1200
1400
1600
00
06
INPUT
HIGH TO LOW
INPUT
LOW TO HIGH
LOGIC INPUT VOLTAGE vs. OUTPUT VOLTAGE
(5nF RISING)
MAX15024/25 toc09
20ns/div
IN_
1V/div
OUT_
5V/div
MAX15025
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15025AATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15025AATB++ MAXIM-MAX15025AATB+ Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15025AATB+T MAXIM-MAX15025AATB+T Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15025AATB+T MAXIM-MAX15025AATB+T Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
More results

Similar Description - MAX15025AATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com