Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16840ATB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16840ATB
Description  LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16840ATB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16840ATB Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
LED Driver with Integrated MOSFET
for MR16 and Other 12V AC Input Lamps
19-5671; Rev 1; 2/11
General Description
The MAX16840 is an LED driver IC for lighting applica-
tions. It includes all the necessary features to design
low-component-count LED drivers for 12V AC and 24V
AC input (e.g., MR16) light bulbs. A proprietary input-
current control scheme allows LED lamps based on this
device to be compatible with electronic transformers,
and
dimmable with standard trailing-edge dimmers
(where electronic transformers are present).
The IC can be used in buck, boost, and buck-boost
topologies and features. It has an integrated 0.2I (max),
48V switching MOSFET.
The IC uses constant-frequency average current-mode
control. It senses the input current through the voltage
at the FB pin, and regulates its average. An input pin
(REFI) allows the setting of the input-current level. When
the voltage at this pin is set below a certain threshold, the
input current is proportional to this voltage, while when
that voltage is beyond the threshold, the input current is
set at a fixed, predefined level. This nonlinear behavior
of REFI allows its use to achieve thermal foldback, by
connecting it to an NTC resistor.
The IC also features an internal overvoltage protection on
the IN pin to protect the internal switching MOSFET from
damage if the LED string is open or if the voltage on the
LED string is too high.
The IC has a separate EXT pin that can be used to guar-
antee that there is a kick-start of current at turn-on for
low-input voltages for proper operation with electronic
transformers. EXT drives an external npn transistor.
Once the UVLO threshold of 5.5V is crossed on IN, EXT
is pulled to ground and the external npn transistor is
turned off.
The IC is available in a 3mm x 3mm, 10-pin TDFN power
package, and is rated over the -40NC to +125NC operat-
ing temperature range.
Applications
MR16 and Other 12V AC or DC Input LED
Lighting Applications
Features
S
Control of the Average Input Current to Achieve
Operation with Electronic Transformers and
Dimmability
S
Buck, Boost, SEPIC, and Buck-Boost Topologies
S
Integrated 0.2I (max) 48V Switching MOSFET
S
Analog Dimming and Thermal Foldback
S
Output Overvoltage Protection
S
Internal Overtemperature Protection
S
-40°C to +125°C Operating Temperature Range
S
3mm x 3mm, 10-Pin TDFN Package
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Typical Operating Circuit
L1
BD1
C1
C4
R3
L2
D1
C2
LED-
LED+
EXT
COMP
SOURCE
IN
GND
DRAIN
12V AC
REFI
FB
R1
R2
MAX16840
PART
TEMP RANGE
PIN-PACKAGE
MAX16840ATB+
-40NC to +125NC
10 TDFN-EP*


Similar Part No. - MAX16840ATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16840ATB++ MAXIM-MAX16840ATB+ Datasheet
927Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
MAX16840ATB++ MAXIM-MAX16840ATB+ Datasheet
545Kb / 12P
   LED Driver with Integrated MOSFET
Rev 4; 1/15
More results

Similar Description - MAX16840ATB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16840_1108 MAXIM-MAX16840_1108 Datasheet
927Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
MAX31840 MAXIM-MAX31840 Datasheet
470Kb / 13P
   MR16 LED Driver with Integrated Control MOSFET and Deep Dimming
Rev 0; 6/17
logo
Texas Instruments
TPS92560 TI-TPS92560 Datasheet
704Kb / 17P
[Old version datasheet]   SIMPLE LED DRIVER FOR MR16 AND AR111 APPLICATIONS
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
   1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
logo
Maxim Integrated Produc...
MAX16840 MAXIM-MAX16840_15 Datasheet
545Kb / 12P
   LED Driver with Integrated MOSFET
Rev 4; 1/15
logo
Gilway Technical Lamp
L517A-G GILWAY-L517A-G Datasheet
44Kb / 1P
   MR11 and MR16 Halogen Lamps with Gold Coated Reflectors
logo
Diodes Incorporated
AL8812 DIODES-AL8812 Datasheet
402Kb / 11P
   BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
logo
Shenzhen Huazhimei Semi...
HM4117 HMSEMI-HM4117 Datasheet
600Kb / 8P
   MR16 LED
logo
ON Semiconductor
NCP303160A ONSEMI-NCP303160A Datasheet
1Mb / 23P
   Integrated Driver and MOSFET with Integrated Current Monitor
June, 2023 - Rev. 0
NCP303151A ONSEMI-NCP303151A Datasheet
695Kb / 17P
   Integrated Driver and MOSFET with Integrated Current Monitor
June, 2020 ??Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com