Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16839ASA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16839ASA
Description  High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16839ASA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16839ASA Datasheet HTML 3Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 4Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 5Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 6Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 7Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 8Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 9Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 10Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
High-Voltage, Linear High-Brightness LED
Driver with Open-LED Fault Detect
8 ______________________________________________________________________________________
Figure 2. Multistring Application
The MAX16839 detects an open-LED event when VCS
drops below 30mV for 25µs. When the fault condition is
detected, a 2.8mA current source charges the capaci-
tor between FLTS and ground, up to 15V or to VIN if VIN
is less than 15V. If the voltage on FLTS is greater than
1.65V due to the charge retained in the FLTS capacitor,
the LED driver is turned off. This provides an open-LED
fault-protection feature that can be disabled by connect-
ing FLTS to ground. In a multistring application (Figure
2), where all FLTS pins are connected together, a fault
detected on one channel causes other channels to turn
off as well. The retention capability on the FLTS is depen-
dent on the leakage current and the value of the capacitor
used. If the retention capability is high, the fault condition
could be retained or memorized for a long period after the
supply is turned off.
Thermal Protection
The MAX16839 enters thermal-shutdown mode in the
event of overheating. When the junction temperature
exceeds TJ = +160NC, the internal thermal-protection
circuit turns off the series pass element. The MAX16839
recovers from thermal-shutdown mode when the
junction temperature drops to TJ = +145NC. FLTS does
not assert during an overheating event.
VIN
VIN
12V
12V
UVLO
50mA
50mA
4Fs
2.5Fs
12V FLTS
LEDGOOD (INTERNAL)
ILED
ILED
t
t
t
t
t
t
VIN = 5V TO 40V
CONNECT TO 5V
SUPPLY OR LEAVE
UNCONNECTED
DIM SIGNAL
DIM
DIM
FLTS
FLTS
FLTS SIGNAL
LEDS
LEDS
CIN =
0.01FF
CIN =
0.01FF
ILED
ILED
IN
SINK
SINK
CS
CS
GND
IN
GND
RCS
RCS
CFLTS =
0.1FF
MAX16839
MAX16839


Similar Part No. - MAX16839ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839ASA++ MAXIM-MAX16839ASA+ Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
More results

Similar Description - MAX16839ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com