Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16814UTP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16814UTP
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814UTP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16814UTP Datasheet HTML 3Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 4Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 5Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 6Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 7Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 8Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 9Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 10Page - Maxim Integrated Products MAX16814UTP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Integrated, 4-Channel, High-Brightness LED
Driver with High-Voltage DC-DC Controller
_______________________________________________________________________________________ 7
Typical Operating Characteristics (continued)
(VIN = VEN = 12V, fSW = 300kHz, RSETI = 15kI, CVCC = 1FF, VCC = VDRV, NDRV = COMP = OUT_ = unconnected, VOVP = VCS =
VLEDGND = VDIM = VPGND = VSGND = 0V, load = 4 strings of 7 white LEDs, TA = +25NC, unless otherwise noted.)
LED CURRENT SWITCHING WITH DIM
AT 5kHz AND 50% DUTY CYCLE
MAX16814 toc16
IOUT3
100mA/div
IOUT4
100mA/div
0A
0A
0A
0A
IOUT1
100mA/div
IOUT2
100mA/div
100Fs/div
FIGURE 2
LED CURRENT RISING AND FALLING
WAVEFORM
MAX16814 toc17
VDIM
5V/div
0A
0V
ILED
50mA/div
4Fs/div
FIGURE 2
OUT_ LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
1
10
100
0.1
100
75
50
25
0
-25
-50
125
VDIM = 0V
VOUT = 40V
OUT_ CURRENT vs. 1/RSETI
1/RSETI (mS)
0.085
0.070
0.055
0.040
0.025
40
60
80
100
120
140
160
20
0.010
0.100
OVP LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
100
75
25
50
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-50
125
VOVP = 1.25V
COMP LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
100
75
50
25
0
-25
0.2
0.4
0.6
0.8
1.0
0
-50
125
VDIM = 0V
VCOMP = 4.5V
VCOMP = 0.5V
RSDT LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
100
75
50
25
0
-25
100
150
200
250
50
-50
125
VRSDT = 0.5V
VRSDT = 2.5V


Similar Part No. - MAX16814UTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16814UTP++ MAXIM-MAX16814UTP+ Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
More results

Similar Description - MAX16814UTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com