Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95-21SUGC-S400-XX-XXX Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 95-21SUGC-S400-XX-XXX
Description  1.9mm Round Subminiature Lead LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

95-21SUGC-S400-XX-XXX Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  95-21SUGC-S400-XX-XXX Datasheet HTML 1Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 2Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 3Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 4Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 5Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 6Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 7Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 8Page - Everlight Electronics Co., Ltd 95-21SUGC-S400-XX-XXX Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 of 11
Device No. : DSE-0001706
Prepared date: 08-Jun-2009
Prepared by: Niu yanling
Technical Data Sheet
1.9mm Round Subminiature Lead LEDs
95-21SUGC/S400-XX/XXX
Features
Package in 12mm tape on 7"
diameter reels.
Compatible with automatic
placement equipment.
EIA Std. package.
Mono-color type.
Pb-free
Descriptions
The 95-21 SMD LED is much
smaller than leaded components .
Thus enable smaller board size. Higher
packing density. Reduced storage space and
finally smaller equipment to be obtained.
Besides, light weight makes them
ideal for miniature applications.
Furthermore by automation assembly
machines the accuracy is anticipated.
Applications
Small indicator for indoor applications.
Flat backlight for LCD, switches and symbols.
Indicator and backlight in office equipment.
Indicator and backlight for battery driven
equipment.
Indicator and backlight for audio and video equipment.
Automotive : backlighting in dashboards and switches.
Telecommunication:indicator and backlighting in telephone and fax.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
95-21SUGC/S400-XX/XXX
InGaN
Super Green
Water Clear
F7/TR7
F9/TR9
F10/TR10
F1
F2
95-21


Similar Part No. - 95-21SUGC-S400-XX-XXX

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
95-21SUGC-S400-XX-XXX TO-GRACE-95-21SUGC-S400-XX-XXX Datasheet
1Mb / 11P
   1.9mm Round Subminiature Lead LEDs
More results

Similar Description - 95-21SUGC-S400-XX-XXX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
95-21SUBC EVERLIGHT-95-21SUBC Datasheet
227Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21SUGC EVERLIGHT-95-21SUGC Datasheet
221Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UBC EVERLIGHT-95-21UBC Datasheet
219Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX EVERLIGHT-91-21SURC-S530-XX-XXX Datasheet
253Kb / 11P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
95-21SUBC-S400-XX-XXX TO-GRACE-95-21SUBC-S400-XX-XXX Datasheet
834Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
Everlight Electronics C...
95-21SUBC-S400-XX-XXX EVERLIGHT-95-21SUBC-S400-XX-XXX Datasheet
231Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UYC-S530-XX-XX EVERLIGHT-95-21UYC-S530-XX-XX Datasheet
297Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
91-21SUBC-S400-XX-XXX TO-GRACE-91-21SUBC-S400-XX-XXX Datasheet
1,005Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX TO-GRACE-91-21SURC-S530-XX-XXX Datasheet
1Mb / 11P
   1.9mm Round Subminiature Lead LEDs
91-21UBC-C430-XXX TO-GRACE-91-21UBC-C430-XXX Datasheet
1Mb / 11P
   1.9mm Round Subminiature Lead LEDs
logo
Everlight Electronics C...
91-21UYC EVERLIGHT-91-21UYC Datasheet
247Kb / 10P
   1.9mm Round Subminiature Lead LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com