Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16907RATE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16907RATE
Description  36V, 2.2MHz Step-Down Converter with Low Operating Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16907RATE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16907RATE Datasheet HTML 4Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 5Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 6Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 7Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 8Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 9Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 10Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 11Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX16907
36V, 2.2MHz Step-Down Converter
with Low Operating Current
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = VEN = 14V, VOUT = 5V, FB connected to VOUT, L1 = 2.2µH (Wurth 744311220), D1 = D360B-13-F (Diodes, Inc.),
TA = +25NC, unless otherwise noted.)
MAX16907 toc23
VOUT
VIN
VPGOOD
VLX
10V/div
5V/div
10V/div
5V/div
0V
0V
0V
0V
10ms/div
LINE TRANSIENT TEST
(5V/2.2MHz)
SUP SHORTED TO SUPSW
RESISTIVE LOAD = 1.6I
MAX16907 toc22
VOUT
VIN
VPGOOD
VLX
5V/div
5V/div
10V/div
5V/div
0V
0V
0V
0V
10ms/div
DIPS AND DROP TEST
(5V/2.2MHz)
RESISTIVE LOAD = 1.6I
ISHDN vs. TEMPERATURE
4.2
4.4
4.6
4.8
5.2
5.4
5.6
5.8
6.0
4.0
5.0
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-40
125
VEN = 0V
VIN = 14V
ISHDN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
38
31
24
17
10
2
4
6
8
10
12
14
16
18
20
0
3
45
VEN = 0V
TA = -40°C
TA = +25°C
TA = +125°C


Similar Part No. - MAX16907RATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16907RATE++ MAXIM-MAX16907RATE+ Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907RATE/V++ MAXIM-MAX16907RATE/V+ Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
More results

Similar Description - MAX16907RATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX16974 MAXIM-MAX16974 Datasheet
2Mb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com