Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16909RATE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16909RATE
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909RATE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16909RATE Datasheet HTML 6Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 7Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 8Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 9Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 10Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 11Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 12Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 13Page - Maxim Integrated Products MAX16909RATE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
Pin Descriptions (continued)
Internal Block Diagram
PIN
NAME
FUNCTION
TSSOP
TQFN
10
8
SUP
Voltage Supply Input. SUP powers up the internal linear regulator. Connect a minimum
4.7FF capacitor to ground.
11, 12
9, 10
LX
Inductor Switching Node. Connect a Schottky diode between LX and GND.
13, 14
11, 12
SUPSW
Internal High-Side Switch-Supply Input. SUPSW provides power to the internal switch.
Connect a 0.1FF decoupling capacitor and a 4.7FF ceramic capacitor to ground.
15
13
EN
SUP Voltage-Compatible Enable Input. Drive EN low to disable the device. Drive EN
high to enable the device.
16
14
I.C.
Internally Connected. Connect to ground for proper operation.
EP
Exposed Pad. Connect EP to a large-area contiguous copper ground plane for effective
power dissipation. Do not use as the only IC ground connection. EP must be connected
to GND.
MAX16909
FBSW
OUT
COMP
PGOOD
EN
FB
SOFT-
START
SLOPE
COMP
FBOK
EAMP
HSD
AON
LOGIC
CS
REF
HVLDO
SWITCH-
OVER
OSC
PWM
SUP
BIAS
BST
SUPSW
LX
GND
FSYNC FOSC


Similar Part No. - MAX16909RATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16909RATE++ MAXIM-MAX16909RATE+ Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16909RATE/V++ MAXIM-MAX16909RATE/V+ Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
More results

Similar Description - MAX16909RATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16955 MAXIM-MAX16955 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16955 MAXIM-MAX16955_12 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 1; 9/12
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com