Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16955 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16955
Description  36V, 1MHz Step-Down Controller with Low Operating Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16955 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16955 Datasheet HTML 1Page - Maxim Integrated Products MAX16955 Datasheet HTML 2Page - Maxim Integrated Products MAX16955 Datasheet HTML 3Page - Maxim Integrated Products MAX16955 Datasheet HTML 4Page - Maxim Integrated Products MAX16955 Datasheet HTML 5Page - Maxim Integrated Products MAX16955 Datasheet HTML 6Page - Maxim Integrated Products MAX16955 Datasheet HTML 7Page - Maxim Integrated Products MAX16955 Datasheet HTML 8Page - Maxim Integrated Products MAX16955 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
36V, 1MHz Step-Down Controller
with Low Operating Current
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FB Line Regulation
VEN = VSUP, 6V < VSUP < 36V (Note 4)
0.02
%/V
Transconductance (from FB to
COMP)
gm,EA
1200
μS
Error-Amplifier Output
Impedance
ROUT,EA
30
M
RFOSC = 76.8k
360
400
440
Operating Frequency
fSW
RFOSC = 30.1k
1000
kHz
Minimum On-Time
tON(MIN)
80
ns
Maximum FSYNC Frequency
fFSYNC(MAX)
1100
kHz
Minimum FSYNC Frequency
fFSYNC(MIN)
fFSYNC > 110% of internal frequency (20%
duty cycle), fSW = 220kHz
242
kHz
FSYNC Switching Threshold
High
VFSYNC,HI
1.4
V
FSYNC Switching Threshold Low
VFSYNC,LO
0.4
V
FSYNC Internal Pulldown
Resistance
1
M
CURRENT LIMIT
CS Input Current
ICS
VCS = VOUT = 0V or VBIAS (Note 4)
-1
+1
μA
During normal operation
22
Output Input Current
IOUT
VFB = VBIAS
32
μA
CS Current-Limit Voltage
Threshold
VLIMIT
VCS - VOUT, VBIAS = 5V, VOUT
2.5V
68
80
92
mV
FAULT DETECTION
Output Overvoltage Trip
Threshold
VFB,OV
VOUT = VFB, rising edge
108
113
118
%VFB
Output Overvoltage Trip
Hysteresis
2.5
%
Rising edge
25
Output Overvoltage Fault
Propagation Delay
tOVP
Falling edge
25
μs
Output Undervoltage Trip
Threshold
VFB,UV
VOUT = VFB; with respect to slewed FB
threshold, falling edge
83
88
93
%VFB
Output Undervoltage Trip
Hysteresis
2.5
%
Falling edge
25
Output Undervoltage
Propagation Delay
Rising edge (excluding startup)
25
μs
PGOOD Output Low Voltage
VPGOOD,L
ISINK = 3mA
0.4
V
PGOOD Leakage Current
IPGOOD
1
μA
Thermal Shutdown Threshold
TSHDN
(Note 5)
+175
°C
Thermal Shutdown Hysteresis
(Note 5)
15
°C
ELECTRICAL CHARACTERISTICS (continued)
(VSUP = VEN = 14V, CIN = 10μF, COUT = 94μF, CBIAS = 2.2μF, CBST = 0.1μF, RFOSC = 76.8k
Ω, TA = TJ = -40°C to +125°C, unless
otherwise noted. Typical values are at TA = +25°C.) (Note 2)


Similar Part No. - MAX16955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16955 MAXIM-MAX16955 Datasheet
946Kb / 8P
   400kHz Switching Frequency
Rev 1; 1/12
MAX16955EVKIT MAXIM-MAX16955EVKIT Datasheet
946Kb / 8P
   400kHz Switching Frequency
Rev 1; 1/12
MAX16955 MAXIM-MAX16955_12 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 1; 9/12
More results

Similar Description - MAX16955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16955 MAXIM-MAX16955_12 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 1; 9/12
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com