Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16976 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16976
Description  28V, 600mA Automotive Step-Down Converter with Low Operating Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16976 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16976 Datasheet HTML 7Page - Maxim Integrated Products MAX16976 Datasheet HTML 8Page - Maxim Integrated Products MAX16976 Datasheet HTML 9Page - Maxim Integrated Products MAX16976 Datasheet HTML 10Page - Maxim Integrated Products MAX16976 Datasheet HTML 11Page - Maxim Integrated Products MAX16976 Datasheet HTML 12Page - Maxim Integrated Products MAX16976 Datasheet HTML 13Page - Maxim Integrated Products MAX16976 Datasheet HTML 14Page - Maxim Integrated Products MAX16976 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX16976
28V, 600mA Automotive Step-Down Converter
with Low Operating Current
Overvoltage Protection
The device includes overvoltage protection circuitry that
protects the device when there is an overvoltage condi-
tion at the output. If the output voltage increases by more
than 12% of its set voltage, the device stops switching.
The device resumes regulation once the overvoltage
condition is removed.
Overload Protection
The overload protection circuitry is activated when the
device is in current limit and VOUT is below the reset
threshold. Under these conditions, the device enters
a soft-start mode. When the overcurrent condition is
removed before the soft-start mode is over, the device
regulates the output voltage to the set value. Otherwise,
the soft-start cycle repeats until the overcurrent condition
is removed.
Skip Mode
During light-load operation, IINDUCTOR P 100mA, the
device enters skip-mode operation. Skip mode turns off
the internal switch and allows the output to drop below
regulation voltage before the switch is turned on again.
The lower the load current, the longer it takes for the
regulator to initiate a new cycle effectively increasing
light-load efficiency. During skip mode, the device qui-
escent current drops to as low as 45FA.
Overtemperature Protection
Thermal-overload protection limits the total power dis-
sipation in the device. When the junction temperature
exceeds +175NC (typ), an internal thermal sensor shuts
down the step-down controller, allowing the device to
cool. The thermal sensor turns on the device again after
the junction temperature cools by +15NC.
Applications Information
Output Voltage/Reset Threshold
Resistive Divider Network
Although the device’s output voltage and reset threshold
can be set individually, Figure 1 shows a combined resis-
tive divider network to set the desired output voltage and
the reset threshold using three resistors. Use the follow-
ing formula to determine the RFB3 of the resistive divider
network:
TOTAL
REF
FB3
OUT
R
V
R
V
×
=
where VREF = 1V, RTOTAL = selected total resistance of
RFB1, RFB2, and RFB3 in ohms, and VOUT is the desired
output voltage in volts.
Use the following formula to calculate the value of RFB2
of the resistive divider network:
TOTAL
REF_RES
FB2
FB3
RES
R
V
R
R
V
×
=
where VREF_RES is 1.25V (see the Electrical Characteristics
table) and VRES is the desired reset threshold in volts.
The precision of the reset threshold function is depen-
dent on the tolerance of the resistors used for the divider.
BST Capacitor Selection
for Dropout Operation
The device includes an internal boost capacitor refresh
algorithm for dropout operation. This is required to ensure
proper boost capacitor voltage that delivers power to the
gate-drive circuitry. When the HSFET is on consecutively
for 3.65 clock cycles, the internal counter detects this
and turns off the HSFET for 0.35 clock cycles. This is of
particular concern when VIN is falling and approaching
VOUT at the minimum switching frequency (220kHz).
The worst-case condition for boost capacitor refresh time
is with no load on the output. For the boost capacitor
to recharge completely, the LX node must be pulled to
ground. If there is no current through the inductor then
the LX node does not go to ground. To solve this issue,
an internal load of about 100mA turns on at the sixth
clock cycle, which is determined by a separate counter.
In the worst-case condition with no load, the LX node
does not go below ground during the first detect of the
Figure 1. Output Voltage/Reset Threshold Resistive Divider
Network
RFB3
RFB2
RFB1
VOUT
RESETI
FB
MAX16976


Similar Part No. - MAX16976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16976 MAXIM-MAX16976 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16976AEE/V++ MAXIM-MAX16976AEE/V+ Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16976 MAXIM-MAX16976_V01 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
More results

Similar Description - MAX16976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16976 MAXIM-MAX16976_V01 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16975 MAXIM-MAX16975 Datasheet
2Mb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16975 MAXIM-MAX16975_V01 Datasheet
789Kb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
2013
MAX16936EVKIT MAXIM-MAX16936EVKIT Datasheet
581Kb / 8P
   current-mode step-down converter with low operating current
Rev 2; 3/20
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
   1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974 Datasheet
2Mb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com