Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16976 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16976
Description  28V, 600mA Automotive Step-Down Converter with Low Operating Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16976 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16976 Datasheet HTML 1Page - Maxim Integrated Products MAX16976 Datasheet HTML 2Page - Maxim Integrated Products MAX16976 Datasheet HTML 3Page - Maxim Integrated Products MAX16976 Datasheet HTML 4Page - Maxim Integrated Products MAX16976 Datasheet HTML 5Page - Maxim Integrated Products MAX16976 Datasheet HTML 6Page - Maxim Integrated Products MAX16976 Datasheet HTML 7Page - Maxim Integrated Products MAX16976 Datasheet HTML 8Page - Maxim Integrated Products MAX16976 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX16976
28V, 600mA Automotive Step-Down Converter
with Low Operating Current
Note 2: When 3V < VOUT < 5.5V, the bias regulator is connected to the output to save quiescent current, VBIAS = VOUT.
Note 3: Guaranteed by design; not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, L1 = 22FH, CIN = 4.7FF, COUT = 100FF, CBIAS = 1FF, CBST = 0.1FF, CCRES = 1nF, RFOSC =
61.9kI, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Enable Threshold Voltage
Hysteresis
VEN,HYS
0.2
V
Enable Input Current
IEN
10
nA
RESET
Reset Internal Switching Level
VTH_RISING VFB rising, VRESETI = 0V
93
95
96.5
%VFB
VTH_FALLING VFB falling, VRESETI = 0V
91
93
95
RESETI Threshold Voltage
VRESETI_HI VRESETI falling
1.05
1.25
1.4
V
CRES Threshold Voltage
VCRES_HI VCRES rising
1.07
1.13
1.19
V
CRES Threshold Hysteresis
VCRES_HYS
0.05
V
RESETI Input Current
IRESET
VRESETI = 0V
0.02
F
A
CRES Source Current
ICRES
VOUT in regulation
9.5
10
10.5
F
A
CRES Pulldown Current
ICRES_PD VOUT out of regulation
1
mA
RES Output Low Voltage
ISINK = 5mA
0.4
V
RES Leakage Current (Open-
Drain Output)
VOUT in regulation
TA = +25°C
1
F
A
TA = +125°C
20
nA
Reset Debounce Time
tRES_DEB VRESETI falling
25
F
s


Similar Part No. - MAX16976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16976 MAXIM-MAX16976 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16976AEE/V++ MAXIM-MAX16976AEE/V+ Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16976 MAXIM-MAX16976_V01 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
More results

Similar Description - MAX16976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16976 MAXIM-MAX16976_V01 Datasheet
761Kb / 17P
   28V, 600mA Automotive Step-Down Converter with Low Operating Current
2014
MAX16975 MAXIM-MAX16975 Datasheet
2Mb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16975 MAXIM-MAX16975_V01 Datasheet
789Kb / 17P
   28V, 1.2A Automotive Step-Down Converter with Low Operating Current
2013
MAX16936EVKIT MAXIM-MAX16936EVKIT Datasheet
581Kb / 8P
   current-mode step-down converter with low operating current
Rev 2; 3/20
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
   1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974 Datasheet
2Mb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com