Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16977RAUV Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16977RAUV
Description  36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16977RAUV Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16977RAUV Datasheet HTML 7Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 8Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 9Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 10Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 11Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 12Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 13Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 14Page - Maxim Integrated Products MAX16977RAUV Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX16977
36V, 2A, 2.2MHz Step-Down Converter
with Low Operating Current
Detailed Description
The MAX16977 is a constant-frequency, current-mode,
automotive buck converter with an integrated high-side
switch. The device operates with input voltages from
3.5V to 36V and tolerates input transients up to 42V.
During undervoltage events, such as cold-crank condi-
tions, the internal pass device maintains 98% duty cycle.
The switching frequency is resistor programmable from
1MHz to 2.2MHz to allow optimization for efficiency, noise,
and board space. A synchronization input, FSYNC, allows
the device to synchronize to an external clock frequency.
During light-load conditions, the device enters skip mode
for high efficiency. The 5V fixed output voltage eliminates
the need for external resistors and reduces the supply
current to 30FA. See the Internal Block Diagram for more
information.
Wide Input Voltage Range (3.5V to 36V)
The device includes two separate supply inputs, SUP
and SUPSW, specified for a wide 3.5V to 36V input volt-
age range. VSUP provides power to the device, and
VSUPSW provides power to the internal switch. When
the device is operating with a 3.5V input supply, certain
conditions such as cold crank can cause the voltage at
SUPSW to drop below the programmed output voltage.
As such, the device operates in a high duty-cycle mode
to maintain output regulation.
Linear-Regulator Output (BIAS)
The device includes a 5V linear regulator, BIAS, that
provides power to the internal circuitry. Connect a 1FF
ceramic capacitor from BIAS to GND.
External Clock Input (FSYNC)
The device synchronizes to an external clock signal
applied at FSYNC. The signal at FSYNC must have a
10% higher frequency than the internal clock frequency
for proper synchronization.
Soft-Start
The device includes an 8.5ms fixed soft-start time for up
to 500FF capacitive load with a 2A resistive load.
Minimum On-Time
The device features a 80ns minimum on-time that ensures
proper operation at 2.2MHz switching frequency and high
differential voltage between the input and the output. This
feature is extremely beneficial in automotive applications
where the board space is limited and the converter
needs to maintain a well-regulated output voltage using
an input voltage that varies from 9V to 18V. Additionally,
the device incorporates an innovative design for fast-loop
response that further ensures good output-voltage regu-
lation during transients.
System Enable (EN)
An enable-control input (EN) activates the device from its
low-power shutdown mode. EN is compatible with inputs
from automotive battery level down to 3.3V. The high-
voltage compatibility allows EN to be connected to SUP,
KEY/KL30, or the INH pin of a CAN transceiver.
EN turns on the internal regulator. Once VBIAS is above
the internal lockout threshold, VUVL = 3.1V (typ), the con-
verter activates and the output voltage ramps up within
8.5ms.
A logic-low at EN shuts down the device. During shut-
down, the internal linear regulator and gate drivers turn
off. Shutdown is the lowest power state and reduces the
quiescent current to 5FA (typ). Drive EN high to bring the
device out of shutdown.
Overvoltage Protection
The device includes overvoltage protection circuitry that
protects the device when there is an overvoltage condi-
tion at the output. If the output voltage increases by more
than 110% of its set voltage, the device stops switching.
The device resumes regulation once the overvoltage
condition is removed.
Fast Load-Transient Response
Current-mode buck converters include an integrator
architecture and a load-line architecture. The integra-
tor architecture has large loop gain but slow transient
response. The load-line architecture has fast transient
response but low loop gain. The device features an
integrator architecture with innovative design to improve
transient response. Thus, the device delivers high output-
voltage accuracy, plus the output can recover quickly
from a transient overshoot, which could damage other
on-board components during load transients.
Overload Protection
The overload protection circuitry is triggered when the
device is in current limit and VOUT is below the reset
threshold. Under these conditions the device turns off
the high-side switch for 16ms and re-enters soft-start. If
the overload condition is still present, the device repeats
the cycle.


Similar Part No. - MAX16977RAUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16977RAUE++ MAXIM-MAX16977RAUE+ Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977RAUE/V++ MAXIM-MAX16977RAUE/V+ Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
More results

Similar Description - MAX16977RAUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16974 MAXIM-MAX16974 Datasheet
2Mb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com