Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX66000 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX66000
Description  ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66000 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX66000 Datasheet HTML 1Page - Maxim Integrated Products MAX66000 Datasheet HTML 2Page - Maxim Integrated Products MAX66000 Datasheet HTML 3Page - Maxim Integrated Products MAX66000 Datasheet HTML 4Page - Maxim Integrated Products MAX66000 Datasheet HTML 5Page - Maxim Integrated Products MAX66000 Datasheet HTML 6Page - Maxim Integrated Products MAX66000 Datasheet HTML 7Page - Maxim Integrated Products MAX66000 Datasheet HTML 8Page - Maxim Integrated Products MAX66000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
The path from slave to master uses an 847.5kHz sub-
carrier, which is modulated using binary phase-shift
key (BPSK) modulation. Depending on the data rate,
the transmission of a single bit takes eight, four, two, or
one subcarrier cycles. The slave generates the subcar-
rier only when needed, i.e., starting shortly before an
SOF and ending shortly after an EOF. The standard
defines the phase of the subcarrier before the SOF as
0° reference, which corresponds to logic 1. The phase
of the subcarrier changes by 180° whenever there is a
binary transition in the character to be transmitted
(Figure 8). The first phase transition represents a
change from logic 1 to logic 0, which coincides with the
beginning of the SOF. The BPSK modulated subcarrier
is used to modulate the load on the device’s antenna
(Figure 9).
ISO/IEC 14443 Type B-Compliant
64-Bit UID
_______________________________________________________________________________________
5
DATA TO BE TRANSMITTED
INDICATES 180
° PHASE CHANGE (POLARITY REVERSAL)
OR
11
0
847kHz SUBCARRIER
BPSK MODULATION
TRANSMISSION OF A SINGLE BIT
POWER-UP DEFAULT = 8 CYCLES OF 847kHz (9.44
μs)
CAN BE REDUCED TO FOUR, TWO, OR ONE SUBCARRIER CYCLES FOR COMMUNICATION IN THE ACTIVE STATE.
Figure 8. Uplink: BPSK Modulation of the 847.5kHz Subcarrier
TRANSMISSION OF A SINGLE BIT
SHOWN AS EIGHT CYCLES OF THE 847kHz SUBCARRIER
DATA*
*DEPENDING ON THE INITIAL PHASE, THE DATA POLARITY MAY BE INVERSE.
10
1
Figure 9. Uplink: Load Modulation of the RF Field by the BPSK Modulated Subcarrier


Similar Part No. - MAX66000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MAX660 NSC-MAX660 Datasheet
259Kb / 11P
   Switched Capacitor Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
   CMOS Monolithic Voltage Converter
Rev. 2; 9/96
MAX660 MAXIM-MAX660 Datasheet
678Kb / 4P
   High-Frequency Developers Kit for
Rev 1; 2/10
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6602 MAXIM-MAX6602 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
More results

Similar Description - MAX66000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX66040 MAXIM-MAX66040 Datasheet
331Kb / 25P
   ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
Rev 0; 1/11
MAX66020 MAXIM-MAX66020 Datasheet
360Kb / 25P
   ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
Rev 0; 12/10
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
logo
Maxim Integrated Produc...
MAX66100 MAXIM-MAX66100 Datasheet
223Kb / 16P
   ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field
Rev 0; 1/11
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
   High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
logo
STMicroelectronics
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
   13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI1K STMICROELECTRONICS-LRI1K Datasheet
638Kb / 86P
   1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com