Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX66040K Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX66040K
Description  ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66040K Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX66040K Datasheet HTML 2Page - Maxim Integrated Products MAX66040K Datasheet HTML 3Page - Maxim Integrated Products MAX66040K Datasheet HTML 4Page - Maxim Integrated Products MAX66040K Datasheet HTML 5Page - Maxim Integrated Products MAX66040K Datasheet HTML 6Page - Maxim Integrated Products MAX66040K Datasheet HTML 7Page - Maxim Integrated Products MAX66040K Datasheet HTML 8Page - Maxim Integrated Products MAX66040K Datasheet HTML 9Page - Maxim Integrated Products MAX66040K Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISO/IEC 14443 Type B frame are an inverted 16-bit
CRC of the preceding data characters generated
according to the CRC-16-CCITT polynomial. This CRC
is transmitted with the LSB first. For more details on the
CRC-16-CCITT, refer to ISO/IEC 14443-3, Annex B.
With network function commands, the command code,
parameters, and response are embedded between
SOF and CRC. With memory function commands, com-
mand code, and parameters are placed into the infor-
mation field of I-blocks (see the
Block Types section),
which in turn are embedded between SOF and EOF.
For transmission, the frame information is modulated on
a carrier frequency, which in the case of ISO/IEC 14443
is 13.56MHz. The subsequent paragraphs are a con-
cise description of the required modulation and coding.
For full details including SOF/EOF and subcarrier on/off
timing, refer to ISO/IEC 14443-3, Sections 7.1 and 7.2.
The path from master to slave uses amplitude modula-
tion with a modulation index between 8% and 14%
(Figure 8). In this direction, a START bit and logic 0 bit
correspond to a modulated carrier; STOP bit and
logic 1 bit correspond to the unmodulated carrier. EOF
ends with an unmodulated carrier instead of STOP bits.
ISO/IEC 14443 Type B-Compliant
Secure Memory
8
_______________________________________________________________________________________
ABRIDGED DATA SHEET
START
1
0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 9
STOP/IDLE
BIT 8
Figure 6. ISO/IEC 14443 SOF/EOF Character Format
SOF
ONE OR MORE DATA CHARACTERS
CRC (LSB)
CRC (MSB)
EOF
TIME
Figure 7. ISO/IEC 14443 Frame Format
A
B
CARRIER AMPLITUDE
t
11
1
1
00
MODULATION INDEX
M =
= 0.08 TO 0.14
A - B
A + B
Figure 8. Downlink: 8% to 14% Amplitude Modulation


Similar Part No. - MAX66040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6604 MAXIM-MAX6604 Datasheet
206Kb / 16P
   Precision Temperature Monitor for DDR Memory Modules
Rev 0; 10/05
MAX6604 MAXIM-MAX6604 Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AAHA++ MAXIM-MAX6604AAHA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AATA++ MAXIM-MAX6604AATA+ Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
MAX6604AHA MAXIM-MAX6604AHA Datasheet
206Kb / 16P
   Precision Temperature Monitor for DDR Memory Modules
Rev 0; 10/05
More results

Similar Description - MAX66040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX66000 MAXIM-MAX66000 Datasheet
288Kb / 21P
   ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
MAX66020 MAXIM-MAX66020 Datasheet
360Kb / 25P
   ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
Rev 0; 12/10
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
   High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Sanyo Semicon Device
LA7209V SANYO-LA7209V Datasheet
162Kb / 14P
   Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
logo
Axiomtek Co., Ltd.
NA-810C AXIOMTEK-NA-810C Datasheet
201Kb / 1P
   Supports VRAID function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com