Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT15-098LRH Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAT15-098LRH
Description  Silicon Schottky Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-098LRH Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAT15-098LRH Datasheet HTML 1Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 2Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 3Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 4Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 5Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 6Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 7Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 8Page - Infineon Technologies AG BAT15-098LRH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2010-03-05
4
BAT15...
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0.0
EHD07082
C
T
R
V
2V
4
0.2
0.4
pF
0.5
0.1
0.3
Reverse current IR = ƒ(VR)
TA = Parameter
0
10
EHD07081
Ι
R
R
V
10
10
10
10
A
125 C
T
A =
85
25
12
3
4
V
µ
-1
0
1
2
3
C
C
Forward current IF = ƒ (VF)
TA = Parameter
0.0
10
EHD07077
BAT 15-099R
Ι
F
F
V
10
10
10
10
A
-40 ˚C
T
A =
0.5
1.0
V
m
-2
-1
0
1
2
25
85
125
˚C
˚C
˚C
Forward current IF = ƒ (TS)
BAT15-02LRH, BAT15-099LRH
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120


Similar Part No. - BAT15-098LRH

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-098 SIEMENS-BAT15-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
More results

Similar Description - BAT15-098LRH

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com