Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848BL3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC848BL3
Description  NPN Silicon AF Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC848BL3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC848BL3 Datasheet HTML 1Page - Infineon Technologies AG BC848BL3 Datasheet HTML 2Page - Infineon Technologies AG BC848BL3 Datasheet HTML 3Page - Infineon Technologies AG BC848BL3 Datasheet HTML 4Page - Infineon Technologies AG BC848BL3 Datasheet HTML 5Page - Infineon Technologies AG BC848BL3 Datasheet HTML 6Page - Infineon Technologies AG BC848BL3 Datasheet HTML 7Page - Infineon Technologies AG BC848BL3 Datasheet HTML 8Page - Infineon Technologies AG BC848BL3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2007-04-20
2
BC846...-BC850...
Type
Marking
Pin Configuration
Package
BC846A
BC846B
BC846BW
BC847A
BC847B
BC847BF
BC847BL3
BC847BT
BC847BW
BC847C
BC847CW
BC848A
BC848AW
BC848B
BC848BF
BC848BL3
BC848BW
BC848C
BC848CW
BC849B
BC849BF
BC849C
BC849CW
BC850B
BF850BF
BC850BW
BC850C
BC850CW
1As
1Bs
1Bs
1Es
1Fs
1Fs
1F
1F
1Fs
1Gs
1Gs
1Js
1Js
1Ks
1Ks
1K
1Ks
1Ls
1Ls
2Bs
2Bs
2Cs
2Cs
2Fs
2Fs
2Fs
2Gs
2Gs
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
SOT23
SOT23
SOT323
SOT23
SOT23
TSFP-3
TSLP-3-1
SC75
SOT323
SOT23
SOT323
SOT23
SOT323
SOT23
TSFP-3
TSLP-3-1
SOT323
SOT23
SOT323
SOT23
TSFP-3
SOT23
SOT323
SOT23
TSFP-3
SOT323
SOT23
SOT323


Similar Part No. - BC848BL3

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BC848BL AITSEMI-BC848BL Datasheet
888Kb / 6P
   GENERAL PURPOSE TRANSISTORS NPN SILICON
REV2.0
logo
Motorola, Inc
BC848BLT1 MOTOROLA-BC848BLT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC848BLT1 ONSEMI-BC848BLT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC848BLT1 LRC-BC848BLT1 Datasheet
183Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC848BLT1G ONSEMI-BC848BLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
More results

Similar Description - BC848BL3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com