Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX42 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCX42
Description  PNP Silicon AF and Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX42 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCX42_07 Datasheet HTML 1Page - Infineon Technologies AG BCX42_07 Datasheet HTML 2Page - Infineon Technologies AG BCX42_07 Datasheet HTML 3Page - Infineon Technologies AG BCX42_07 Datasheet HTML 4Page - Infineon Technologies AG BCX42_07 Datasheet HTML 5Page - Infineon Technologies AG BCX42_07 Datasheet HTML 6Page - Infineon Technologies AG BCX42_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-04-27
3
BCX42
DC current gain hFE = ƒ(IC)
VCE = 1 V
10
10
10
10
BCX 42/BSS 63
EHP00435
h
mA
-1
0
2
3
FE
3
10
102
1
10
5
5
1
10
150
25
-50
55
5
C
Ι
˚C
˚C
˚C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
400
800
BCX 42/BSS 63
EHP00433
V
CE sat
mV
mA
10
3
0
10
10
10
1
10
10
2
10
5
5
5
10
200
600
150
25
-50
-1
C
Ι
˚C
˚C
˚C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
10
0
1
3
BCX 42/BSS 63
EHP00432
V
BE sat
10
mA
10
10
10
3
2
1
0
-1
5
5
5
V
25
150
-50
2
C
Ι
˚C
˚C
˚C
Collector current IC = ƒ(VBE)
VCE = 1V
10
0
1
3
BCX 42/BSS 63
EHP00429
V
BE
10
mA
10
10
10
3
2
1
0
-1
5
5
5
V
25
150
-50
2
T
A =
C
Ι
˚C
˚C
˚C


Similar Part No. - BCX42_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX42E6327 INFINEON-BCX42E6327 Datasheet
531Kb / 7P
   PNP Silicon AF and Switching Transistor
2011-10-04
More results

Similar Description - BCX42_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX42E6327 INFINEON-BCX42E6327 Datasheet
531Kb / 7P
   PNP Silicon AF and Switching Transistor
2011-10-04
logo
New Jersey Semi-Conduct...
BCX13 NJSEMI-BCX13 Datasheet
75Kb / 2P
   PNP Silicon AF Switching Transistor
logo
Infineon Technologies A...
BCX41E6327 INFINEON-BCX41E6327 Datasheet
531Kb / 7P
   NPN Silicon AF and Switching Transistor
2011-10-04
BCX41 INFINEON-BCX41_07 Datasheet
76Kb / 7P
   NPN Silicon AF and Switching Transistor
2007-04-20
logo
Semtech Corporation
BC556 SEMTECH-BC556 Datasheet
370Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com