Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4190MK2 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK4190MK2
Description  2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4190MK2 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK4190MK2 Datasheet HTML 1Page - Sanyo Semicon Device STK4190MK2 Datasheet HTML 2Page - Sanyo Semicon Device STK4190MK2 Datasheet HTML 3Page - Sanyo Semicon Device STK4190MK2 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - STK4190MK2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4190MK5 SANYO-STK4190MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
More results

Similar Description - STK4190MK2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4100MK5 SANYO-STK4100MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4141X SANYO-STK4141X Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
STK4241II SANYO-STK4241II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (120W 120W min, THD = 0.4%)?
STK4201II SANYO-STK4201II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.4%)?
STK4211II SANYO-STK4211II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
STK401-330 SANYO-STK401-330 Datasheet
172Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 100W 100 W, THD = 0.08%??????????
STK4231V SANYO-STK4231V Datasheet
89Kb / 3P
   AF Power Amplifier(Split Power Supply)(100W100W min, THD=0.08%)
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com