Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF5030 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BF5030
Description  Silicon N-Channel MOSFET Tetrode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF5030 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BF5030_09 Datasheet HTML 3Page - Infineon Technologies AG BF5030_09 Datasheet HTML 4Page - Infineon Technologies AG BF5030_09 Datasheet HTML 5Page - Infineon Technologies AG BF5030_09 Datasheet HTML 6Page - Infineon Technologies AG BF5030_09 Datasheet HTML 7Page - Infineon Technologies AG BF5030_09 Datasheet HTML 8Page - Infineon Technologies AG BF5030_09 Datasheet HTML 9Page - Infineon Technologies AG BF5030_09 Datasheet HTML 10Page - Infineon Technologies AG BF5030_09 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2009-05-05
7
BF5030...
Drain current ID = ƒ(VGG)
RG1 = Parameter in kΩ
 VDS = 3 V, … VDS = 5 V
0
1
2
3
4
V
6
VGG=VDS
0
2
4
6
8
10
12
14
16
18
20
22
mA
26
68k
82k
100k
120k
100k
120k
150k
180k
Power gain Gps = ƒ (VG2S), f = 45 MHz
 VDS = 3 V, VG2S = 3 V, Rg1 = 82 kΩ
… VDS = 5 V, VG2S = 4 V, Rg1 = 180 kΩ
0
1
2
V
4
VG2S
-20
-10
0
10
20
dB
40
Noise figure F =
ƒ (VG2S), f = 45 MHz
 VDS = 3 V, VG2S = 3 V, Rg1 = 82 kΩ
… VDS = 5 V, VG2S = 4 V, Rg1 = 180 kΩ
0
1
2
V
4
VG2S
0
2
4
dB
8
Noise figure F =
ƒ (VG2S), f = 800 MHz
 VDS = 3 V, VG2S = 3 V, Rg1 = 82 kΩ
… VDS = 5 V, VG2S = 4 V, Rg1 = 180 kΩ
0
1
2
V
4
VG2S
0
2
4
dB
8


Similar Part No. - BF5030_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
More results

Similar Description - BF5030_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com