Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4142II Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK4142II
Description  AF Power Amplifier (Split Power Supply)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4142II Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK4142II Datasheet HTML 1Page - Sanyo Semicon Device STK4142II Datasheet HTML 2Page - Sanyo Semicon Device STK4142II Datasheet HTML 3Page - Sanyo Semicon Device STK4142II Datasheet HTML 4Page - Sanyo Semicon Device STK4142II Datasheet HTML 5Page - Sanyo Semicon Device STK4142II Datasheet HTML 6Page - Sanyo Semicon Device STK4142II Datasheet HTML 7Page - Sanyo Semicon Device STK4142II Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STK4142II
No. 2665—5/8
Supply voltage, VCC - V
Output power, Po - W
Frequency, f - Hz
Supply voltage, VCC - V
Output power, Po - W


Similar Part No. - STK4142II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4142II ETC1-STK4142II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4142II

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4040II SANYO-STK4040II Datasheet
94Kb / 4P
   70W min AF Power Amplifier (Split Power Supply)
STK4048V SANYO-STK4048V Datasheet
54Kb / 3P
   150 W min AF Power Amplifier (Split Power Supply)
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK401-100 SANYO-STK401-100 Datasheet
301Kb / 8P
   2-Channel, 60W min AF Power Amplifier (Split Power Supply)
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4032X SANYO-STK4032X Datasheet
77Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.008%)???
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4028X SANYO-STK4028X Datasheet
126Kb / 3P
   AF Power Amplifier (Split Power Supply) (30W min, THD = 0.018%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com