Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP540ESD Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP540ESD
Description  NPN Silicon RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP540ESD Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP540ESD_09 Datasheet HTML 1Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 2Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 3Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 4Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 5Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 6Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 7Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 8Page - Infineon Technologies AG BFP540ESD_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2009-12-04
BFP540ESD
3
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 50 mA, VCE = 4 V, f = 1 GHz
fT
21
30
-
GHz
Collector-base capacitance
VCB = 2 V, f = 1 MHz, VBE = 0 ,
emitter grounded
Ccb
-
0.14
0.24 pF
Collector emitter capacitance
VCE = 2 V, f = 1 MHz, VBE = 0 ,
base grounded
Cce
-
0.41
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, VCB = 0 ,
collector grounded
Ceb
-
0.59
-
Noise figure
IC = 5 mA, VCE = 2 V, f = 1.8 GHz, ZS = ZSopt
IC = 5 mA, VCE = 2 V, f = 3 GHz, ZS = ZSopt
F
-
-
0.9
1.3
1.4
-
dB
Power gain, maximum stable1)
IC = 20 mA, VCE = 2 V, ZS = ZSopt,
ZL = ZLopt , f = 1.8 GHz
Gms
-
21.5
-
dB
Power gain, maximum available1)
IC = 20 mA, VCE = 2 V, ZS = ZSopt,
ZL = ZLopt, f = 3 GHz
Gma
-
16
-
dB
Transducer gain
IC = 20 mA, VCE = 2 V, ZS = ZL = 50Ω, f = 1.8GHz
IC = 20 mA, VCE = 2 V, ZS = ZL = 50Ω, f = 3GHz
|S21e|2
16
-
18.5
14
-
-
dB
Third order intercept point at output2)
VCE = 2 V, IC = 20 mA, ZS = ZL = 50Ω, f = 1.8GHz
IP3
-
24.5
-
dBm
1dB Compression point at output
IC = 20 mA, VCE = 2 V, ZS = ZL = 50Ω, f = 1.8GHz
P-1dB
-
11
-
1Gma = |S21e / S12e| (k-(k²-1)1/2), Gms = |S21e / S12e|
2IP3 value depends on termination of all intermodulation frequency components.
Termination used for this measurement is 50
from 0.1 MHz to 6 GHz


Similar Part No. - BFP540ESD_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP540ESD INFINEON-BFP540ESD_13 Datasheet
628Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-13
More results

Similar Description - BFP540ESD_09

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com