Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP540ESD Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP540ESD
Description  NPN Silicon RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP540ESD Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP540ESD Datasheet HTML 2Page - Infineon Technologies AG BFP540ESD Datasheet HTML 3Page - Infineon Technologies AG BFP540ESD Datasheet HTML 4Page - Infineon Technologies AG BFP540ESD Datasheet HTML 5Page - Infineon Technologies AG BFP540ESD Datasheet HTML 6Page - Infineon Technologies AG BFP540ESD Datasheet HTML 7Page - Infineon Technologies AG BFP540ESD Datasheet HTML 8Page - Infineon Technologies AG BFP540ESD Datasheet HTML 9Page - Infineon Technologies AG BFP540ESD Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2009-12-04
BFP540ESD
8
Source impedance for min.
noise figure vs. frequency
VCE = 3 V, IC = 5 mA / 20 mA
1
0.1
0.2 0.3 0.4 0.5
2
1.5
3
4 5
0
5
1
−5
−1
10
−10
0.5
1.5
−0.5
−1.5
0.1
−0.1
0.2
2
−0.2
−2
0.3
−0.3
0.4
3
−0.4
−3
4
−4
3GHz
I
c
= 5.0mA
1.8GHz
6GHz
5GHz
0.9GHz
I
c
= 20mA
4GHz
2.4GHz


Similar Part No. - BFP540ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP540ESD INFINEON-BFP540ESD Datasheet
228Kb / 9P
   NPN Silicon RF Transistor
2006-04-10
BFP540ESD INFINEON-BFP540ESD Datasheet
628Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-13
BFP540ESD INFINEON-BFP540ESD_13 Datasheet
628Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-13
More results

Similar Description - BFP540ESD

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com