Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP740F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP740F
Description  NPN Silicon Germanium RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP740F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP740F Datasheet HTML 2Page - Infineon Technologies AG BFP740F Datasheet HTML 3Page - Infineon Technologies AG BFP740F Datasheet HTML 4Page - Infineon Technologies AG BFP740F Datasheet HTML 5Page - Infineon Technologies AG BFP740F Datasheet HTML 6Page - Infineon Technologies AG BFP740F Datasheet HTML 7Page - Infineon Technologies AG BFP740F Datasheet HTML 8Page - Infineon Technologies AG BFP740F Datasheet HTML 9Page - Infineon Technologies AG BFP740F Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2007-04-20
BFP740F
6
Third order Intercept Point IP3 = ƒ (IC)
(Output,
ZS = ZL = 50 Ω )
VCE = parameter, f = 900 MHz
0
5
10
15
20
25
30
35
0
3
6
9
12
15
18
21
24
27
30
I
C
[mA]
1.00V
2.00V
3.00V
4.00V
Transition frequency fT = ƒ(IC)
VCE = parameter in V, f = 2 GHz
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
45
50
I
C
[mA]
2V to 4V
1.00V
0.75V
0.50V
Power gain Gma, Gms = ƒ (f)
VCE = 3 V, IC = 25 mA
0
1
2
3
4
5
6
5
10
15
20
25
30
35
40
45
50
55
f [GHz]
[GHz]
G
ms
G
ma
|S
21
|
2
Power gain Gma, Gms = ƒ (IC)
VCE = 3 V
f = parameter in GHz
0
5
10
15
20
25
30
35
10
12
14
16
18
20
22
24
26
28
30
32
34
I
C
[mA]
6.00GHz
5.00GHz
4.00GHz
3.00GHz
2.40GHz
1.80GHz
0.90GHz


Similar Part No. - BFP740F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP740F INFINEON-BFP740F Datasheet
157Kb / 10P
   NPN Silicon Germanium RF Transistor
2005-11-08
BFP740F INFINEON-BFP740F Datasheet
147Kb / 10P
   NPN Silicon Germanium RF Transist
2007-04-20
BFP740F INFINEON-BFP740F Datasheet
1Mb / 28P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-12
BFP740FE6327 INFINEON-BFP740FE6327 Datasheet
147Kb / 10P
   NPN Silicon Germanium RF Transist
2007-04-20
BFP740FESD INFINEON-BFP740FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
More results

Similar Description - BFP740F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com