Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR193L3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFR193L3
Description  NPN Silicon RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR193L3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFR193L3_07 Datasheet HTML 1Page - Infineon Technologies AG BFR193L3_07 Datasheet HTML 2Page - Infineon Technologies AG BFR193L3_07 Datasheet HTML 3Page - Infineon Technologies AG BFR193L3_07 Datasheet HTML 4Page - Infineon Technologies AG BFR193L3_07 Datasheet HTML 5Page - Infineon Technologies AG BFR193L3_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2007-03-30
4
BFR193L3
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax):
Transistor Chip Data:
NF =
0.95341
-
ISE =
10.627
fA
NR =
1.4289
-
ISC =
0.037409
fA
IRB =
0.91763
mA
RC =
0.11938
MJE =
0.48654
-
VTF =
0.8
V
CJC =
935.03
fF
XCJC =
0.053563
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
BF =
125
-
IKF =
0.26949
A
BR =
14.267
-
IKR =
0.037925
A
RB =
1.8368
RE =
0.76534
-
VJE =
0.70276
V
XTF =
0.69477
-
PTF =
0
deg
MJC =
0.30002
-
CJS =
0
fF
NK =
0
-
FC =
0.72063
IS =
0.2738
fA
VAF =
24
V
NE =
1.935
-
VAR =
3.8742
V
NC =
0.94371
-
RBM =
1
CJE =
1.1824
fF
TF =
18.828
ps
ITF =
0.96893
mA
VJC =
1.1828
V
TR =
1.0037
ns
MJS =
0-
XTI =
3
-
All parameters are ready to use, no scalling is necessary. Extracted on behalf of Infineon Technologies AG by:
Institut für Mobil- und Satellitentechnik (IMST)
Package Equivalent Circuit:
L1 =
0.575
nH
L2 =
0.575
nH
L3 =
0.275
nH
C1 =
33
fF
C2 =
28
fF
C3 =
131
fF
C4 =
8
fF
C5 =
8
fF
C6 =
24
fF
C7 =
300
fF
R1 =
204
EHA07536
Transistor
C’
L
E’
B’
3
4
C
C
Chip
E
L 1
5
C
B
2
L
C6
C1
C2
C3
C7
R1
For examples and ready to use parameters
please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon
Technologies CD-ROM or see Internet:
http://www.infineon.com
Valid up to 6GHz


Similar Part No. - BFR193L3_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
More results

Similar Description - BFR193L3_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com