Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR750L3RH Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFR750L3RH
Description  NPN Silicon Germanium RF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR750L3RH Datasheet(HTML) 7 Page - Infineon Technologies AG

  BFR750L3RH Datasheet HTML 1Page - Infineon Technologies AG BFR750L3RH Datasheet HTML 2Page - Infineon Technologies AG BFR750L3RH Datasheet HTML 3Page - Infineon Technologies AG BFR750L3RH Datasheet HTML 4Page - Infineon Technologies AG BFR750L3RH Datasheet HTML 5Page - Infineon Technologies AG BFR750L3RH Datasheet HTML 6Page - Infineon Technologies AG BFR750L3RH Datasheet HTML 7Page - Infineon Technologies AG BFR750L3RH Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2007-04-26
7
BFR750L3RH
Package TSLP-3-9
Package Outline
Foot Print
Marking Layout (Example)
2
3
1
Pin 1
Top view
Bottom view
2
1
±0.035
0.5
3
1)
0.35
±0.035
2 x 0.15
1)
marking
1) Dimension applies to plated terminal
0.31-0.02
+0.01
±0.05
0.6 ±0.05
Reel ø180 mm = 15.000 Pieces/Reel
Standard Packing
BFR705L3RH
Type code
Pin 1 marking
Laser marking
0.8
4
0.35
Pin 1
marking
For board assembly information please refer to Infineon website "Packages"
Stencil apertures
Copper
Solder mask
0.2
0.5
0.17
0.2
0.225
0.6
0.225
0.15
R0.1
R0.19


Similar Part No. - BFR750L3RH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR750L3RH INFINEON-BFR750L3RH Datasheet
604Kb / 7P
   High gain ultra low noise RF transistor
2013-09-09
BFR750L3RH INFINEON-BFR750L3RH_13 Datasheet
604Kb / 7P
   High gain ultra low noise RF transistor
2013-09-09
More results

Similar Description - BFR750L3RH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com