Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4211 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4211
Description  2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4211 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4211 Datasheet HTML 1Page - Sanyo Semicon Device STK4211 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - STK4211

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4211 SANYO-STK4211 Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
STK4211 SANYO-STK4211 Datasheet
58Kb / 3P
   2-Channel 70 W min AF Power Amplifier (Split Power Supply)
STK4211II SANYO-STK4211II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
logo
List of Unclassifed Man...
STK4211II ETC1-STK4211II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4211V SANYO-STK4211V Datasheet
58Kb / 3P
   2-Channel 70 W min AF Power Amplifier (Split Power Supply)
More results

Similar Description - STK4211

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4100MK5 SANYO-STK4100MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4100MK2 SANYO-STK4100MK2 Datasheet
235Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4211II SANYO-STK4211II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
STK405-110 SANYO-STK405-110 Datasheet
87Kb / 4P
   2ch AF Power Amplifier (Split Power Supply) 70W 70W min, THD =10%????????????
logo
NTE Electronics
NTE1818 NTE-NTE1818 Datasheet
23Kb / 2P
   Integrated Circuit Module, AF PO, 25W/Ch, Dual Power Supply
logo
Sanyo Semicon Device
STK4141V SANYO-STK4141V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (25W 25W min, THD = 0.08%)
STK4432 SANYO-STK4432 Datasheet
244Kb / 7P
   AF Power Amplifier (25W 25W min, THD = 1.0%)
STK402-940 SANYO-STK402-940 Datasheet
576Kb / 6P
   5CH AB AUDIO POWER IC 25W X 5 CH
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com