Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4192 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK4192
Description  AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4192 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK4192 Datasheet HTML 1Page - Sanyo Semicon Device STK4192 Datasheet HTML 2Page - Sanyo Semicon Device STK4192 Datasheet HTML 3Page - Sanyo Semicon Device STK4192 Datasheet HTML 4Page - Sanyo Semicon Device STK4192 Datasheet HTML 5Page - Sanyo Semicon Device STK4192 Datasheet HTML 6Page - Sanyo Semicon Device STK4192 Datasheet HTML 7Page - Sanyo Semicon Device STK4192 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STK4192II
No. 2305—5/8
Supply voltage, VCC - V
Output power, PO - W
Frequency, f - Hz
Supply voltage, VCC - V
Output power, PO - W


Similar Part No. - STK4192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4192II ETC1-STK4192II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
STK4192V ETC1-STK4192V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4192

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
STK405-090 SANYO-STK405-090 Datasheet
153Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK400-290 SANYO-STK400-290 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
   AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
STK4182II SANYO-STK4182II Datasheet
252Kb / 8P
   AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com