Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA734L16 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGA734L16
Description  Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA734L16 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BGA734L16 Datasheet HTML 3Page - Infineon Technologies AG BGA734L16 Datasheet HTML 4Page - Infineon Technologies AG BGA734L16 Datasheet HTML 5Page - Infineon Technologies AG BGA734L16 Datasheet HTML 6Page - Infineon Technologies AG BGA734L16 Datasheet HTML 7Page - Infineon Technologies AG BGA734L16 Datasheet HTML 8Page - Infineon Technologies AG BGA734L16 Datasheet HTML 9Page - Infineon Technologies AG BGA734L16 Datasheet HTML 10Page - Infineon Technologies AG BGA734L16 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
BGA734L16 - Low Power Tri-Band UMTS LNA
Electrical Characteristics
Logic Signal Characteristics; TA = 25 °C
Data Sheet
7
V1.0, 2008-01-25
2.6
Logic Signal Characteristics;
T
A = 25 °C
Current consumption of logic inputs VEN1, VEN2, VGS
2.7
Switching Times
Logic currents
I
EN1,2 = f(VEN1,2)
V
CC = 2.8 V
Logic currents
I
GS = f(VGS)
V
CC = 2.8 V
Table 7
Typical switching times;
T
A = -30... 85 °C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Settling time gainstep
t
GS
1.2
µs
Switching LG
↔ HG all
bands
Settling time bandselect
t
BS
1.2
µs
Switching from any band
to a different band
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
V
EN1,2
[V]
0
0.5
1
1.5
2
2.5
3
0
2
4
6
V
GS
[V]


Similar Part No. - BGA734L16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA734L16 INFINEON-BGA734L16_11 Datasheet
1Mb / 39P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16
More results

Similar Description - BGA734L16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA734L16 INFINEON-BGA734L16_11 Datasheet
1Mb / 39P
   Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16
BGA736L16 INFINEON-BGA736L16 Datasheet
1Mb / 45P
   Tri-Band HSDPA LNA (2100, 1900/2100, 800/900 MHz)
V2.1, July 2008
BGA748N16 INFINEON-BGA748N16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.0, 2010-11-08
BGA748L16 INFINEON-BGA748L16 Datasheet
2Mb / 31P
   High Linearity Quad-Band UMTS LNA (2100, 1900, 900, 800 MHz)
Revision 3.2, 2010-06-18
BGA735N16 INFINEON-BGA735N16 Datasheet
2Mb / 33P
   High Linearity Tri-Band LTE/UMTS LNA (2600/2300/2100, 1900/1800, 900/800/700 MHz)
Revision 3.8, 2010-12-23
BGA771N16 INFINEON-BGA771N16 Datasheet
1Mb / 33P
   High Linearity Dual-Band UMTS LNA (1900/1800/2100, 800/900MHz)
Revision 3.1, 2010-03-16
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
   Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
BGA713L7 INFINEON-BGA713L7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04
BGA713N7 INFINEON-BGA713N7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.1, 2013-01-31
logo
Taoglas antenna solutio...
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com