Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2500D Datasheet(PDF) 2 Page - Semikron International

Part # P2500D
Description  Standard silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

P2500D Datasheet(HTML) 2 Page - Semikron International

  P2500D Datasheet HTML 1Page - Semikron International P2500D Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1 Forward characteristics (typical values)
Fig. 2 Rated forward current vs. amb. temperature
1)
Fig. 3 I
FSM
current versus number of cycles at 50 Hz
Fig. 4, Thermal resistance versus length from case
P 2500 A ... P 2500 M
2
01-12-2010 MAM
© by SEMIKRON


Similar Part No. - P2500D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P2500D DIOTEC-P2500D Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
P2500D DIOTEC-P2500D Datasheet
139Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Semikron International
P2500DTL SEMIKRON-P2500DTL Datasheet
452Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - P2500D

ManufacturerPart #DatasheetDescription
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
SM5400 SEMIKRON-SM5400 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
EM513 SEMIKRON-EM513_06 Datasheet
134Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059_06 Datasheet
133Kb / 2P
   Standard silicon rectifier diodes
BY226S SEMIKRON-BY226S_06 Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059 Datasheet
129Kb / 2P
   Standard silicon rectifier diodes
S1A SEMIKRON-S1A Datasheet
111Kb / 2P
   Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A_11 Datasheet
453Kb / 2P
   Standard silicon rectifier diodes
P2500ATL SEMIKRON-P2500ATL Datasheet
452Kb / 2P
   Standard silicon rectifier diodes
P1200A SEMIKRON-P1200A_10 Datasheet
443Kb / 2P
   Standard silicon rectifier diodes
P600A SEMIKRON-P600A Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com