Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB028N06NN3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSB028N06NN3G
Description  n-Channel Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB028N06NN3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSB028N06NN3G Datasheet HTML 1Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 2Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 3Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 4Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 5Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 6Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 7Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 8Page - Infineon Technologies AG BSB028N06NN3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
OptiMOS™ Power-MOSFET
BSB028N06NN3 G
Electrical characteristics
Preliminary Data Sheet
3
1.3, 2011-03-01
4
Electrical characteristics
Electrical characteristics, at
Tj=25 °C, unless otherwise specified.
Table 4
Static characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Drain-source breakdown voltage
V
(BR)DSS
60
-
-
V
V
GS=0 V, ID=1 mA
Gate threshold voltage
V
GS(th)
23
4
V
DS=VGS, ID=102 µA
Zero gate voltage drain current
I
DSS
-0.1
10
µA
V
DS=60V, VGS=0 V,
T
j=25 °C
-
10
100
V
DS=60 V, VGS=0 V,
T
j=125 °C
Gate-source leakage current
I
GSS
-
10
100
nA
V
GS=20 V, VDS=0 V
Drain-source on-state resistance
R
DS(on)
-2.2
2.8
m
Ω
V
GS=10 V, ID=30A
Gate resistance
R
G
-0.5
-
Ω
Transconductance
g
fs
42
83
S
|V
DS|>2|ID|RDS(on)max,
I
D=30 A
Table 5
Dynamic characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Input capacitance
C
iss
-
8800
12000
pF
V
GS=0 V, VDS=30 V,
f=1 MHz
Output capacitance
C
oss
-
2100
2800
Reverse transfer capacitance
C
rss
-64
-
Turn-on delay time
t
d(on)
-21
-
ns
V
DD=30V, VGS=10 V,
I
D=30 A, RG=1.6 Ω
Rise time
t
r
-9
-
Turn-off delay time
t
d(off)
-38
-
Fall time
t
f
-6
-


Similar Part No. - BSB028N06NN3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB028N06NN3G INFINEON-BSB028N06NN3G Datasheet
749Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
More results

Similar Description - BSB028N06NN3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com