Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC016N04LSG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC016N04LSG
Description  OptiMOSTM3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC016N04LSG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC016N04LSG Datasheet HTML 1Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 2Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 3Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 4Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 5Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 6Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 7Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 8Page - Infineon Technologies AG BSC016N04LSG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BSC016N04LS G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
8900
12000 pF
Output capacitance
C oss
-
1800
2400
Reverse transfer capacitance
Crss
-
100
-
Turn-on delay time
t d(on)
-14-
ns
Rise time
t r
-
7.6
-
Turn-off delay time
t d(off)
-56-
Fall time
t f
-
9.4
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-25-
nC
Gate charge at threshold
Q g(th)
-14-
Gate to drain charge
Q gd
-11-
Switching charge
Q sw
-23-
Gate charge total
Q g
-
113
150
Gate plateau voltage
V plateau
-
2.9
-
V
Gate charge total
Q g
V DD=20 V, I D=30 A,
V GS=0 to 4.5 V
-54-
nC
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 10 V
-
106
-
Output charge
Q oss
V DD=20 V, V GS=0 V
-69-
Reverse Diode
Diode continuous forward current
I S
-
-
100
A
Diode pulse current
I S,pulse
-
-
400
Diode forward voltage
V SD
V GS=0 V, I F=50 A,
T j=25 °C
-
0.8
1.2
V
Reverse recovery charge
Q rr
V R=20 V, I F=I S,
di F/dt =400 A/µs
-
125
-
nC
5) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=20 V,
f
=1 MHz
V DD=20 V, V GS=10 V,
I D=30 A, R G=1.6 Ω
V DD=20 V, I D=30 A,
V GS=0 to 10 V
Rev. 2.0
page 3
2011-03-23


Similar Part No. - BSC016N04LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC016N04LSG INFINEON-BSC016N04LSG Datasheet
393Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.6 2009-10-22
More results

Similar Description - BSC016N04LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com