Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC050NE2LS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC050NE2LS
Description  n-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC050NE2LS Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC050NE2LS Datasheet HTML 1Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC050NE2LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC050NE2LS
Final Data Sheet
2
2.0, 2011-03-01
2
Maximum ratings
at
T
j = 25 °C, unless otherwise specified.
3
Thermal characteristics
Table 2
Maximum ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Continuous drain current
I
D
--
58
A
V
GS=10 V, TC=25 °C
--
37
V
GS=10 V, TC=100 °C
--
49
V
GS=4.5 V, TC=25 °C
--
31
V
GS=4.5 V, TC=100 °C
--
39
V
GS=10 V, TA=25 °C,
R
thJA=50 K/W
1))
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm
2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Pulsed drain current
2)
2) See figure 3 for more detailed information
I
D,pulse
--
232
T
C=25 °C
Avalanche current, single pulse
3)
3) See figure 13 for more detailed information
I
AS
--
35
Avalanche energy, single pulse
E
AS
--
12
mJ
I
D=35 A,RGS=25 Ω
Gate source voltage
V
GS
-20
-
20
V
Power dissipation
P
tot
--
28
W
T
C=25 °C
--
2.5
T
A=25 °C, RthJA=50 K/W
1))
Operating and storage temperature
T
j,Tstg
-55
-
150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Table 3
Thermal characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
4.5
°K/W
20
top
Device on PCB
R
thJA
--
50
6 cm
2 cooling area1)
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm
2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air


Similar Part No. - BSC050NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC050NE2LS INFINEON-BSC050NE2LS Datasheet
835Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-29
BSC050NE2LS INFINEON-BSC050NE2LS_13 Datasheet
835Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-29
More results

Similar Description - BSC050NE2LS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com