Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC052N03LS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSC052N03LS
Description  n-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC052N03LS Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSC052N03LS Datasheet HTML 1Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 2Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 3Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 4Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 5Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 6Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 7Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 8Page - Infineon Technologies AG BSC052N03LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC052N03LS
Final Data Sheet
1
2.0, 2011-03-01
1
Description
OptiMOS™30V products are class leading power MOSFETs for highest power
density and energy efficient solutions. Ultra low gate and output charges together
with lowest on state resistance in small footprint packages make OptiMOS™ 30V
the best choice for the demanding requirements of voltage regulator solutions in
Servers, Datacom and Telecom applications. Super fast switching Control FETs
together with low EMI Sync FETs provide solutions that are easy to design in.
OptiMOS™ products are available in high performance packages to tackle your
most challenging applications giving full flexibility in optimizing space, efficiency
and cost. OptiMOS™ products are designed to meet and exceed the energy
efficiency and power density requirements of the sharpened next generation
voltage regulation standards in computing applications.
Features
Optimized for high performance buck converters
100% avalanche tested
Very low on-resistance R
DS(on) @ VGS=4.5 V
N-channel
Qualified according to JEDEC
1) for target applications
Superior thermal resistance
Pb-free plating; RoHS compliant
Halogen-free according to IEC61249-2-21
Applications
On board power for server
Power managment for high performance computing
Synchronous rectification
High power density point of load converters
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
Related Links
V
DS
30
V
IFX OptiMOS webpage
R
DS(on),max
5.2
m
Ω
IFX OptiMOS product brief
I
D
57
A
IFX OptiMOS spice models
Q
OSS
7.7
nC
IFX Design tools
Q
g.typ
12
Type
Package
Marking
BSC052N03LS
PG-TDSON-8
052N03LS


Similar Part No. - BSC052N03LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC052N03LS INFINEON-BSC052N03LS Datasheet
761Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-05-14
BSC052N03LS INFINEON-BSC052N03LS_13 Datasheet
761Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-05-14
More results

Similar Description - BSC052N03LS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com