Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC68341 Datasheet(PDF) 10 Page - Motorola, Inc

Part # XC68341
Description  Integrated Processor Users Manual
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XC68341 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button XC68341 Datasheet HTML 6Page - Motorola, Inc XC68341 Datasheet HTML 7Page - Motorola, Inc XC68341 Datasheet HTML 8Page - Motorola, Inc XC68341 Datasheet HTML 9Page - Motorola, Inc XC68341 Datasheet HTML 10Page - Motorola, Inc XC68341 Datasheet HTML 11Page - Motorola, Inc XC68341 Datasheet HTML 12Page - Motorola, Inc XC68341 Datasheet HTML 13Page - Motorola, Inc XC68341 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MOTOROLA
MC68341 USER’S MANUAL ADDENDUM
9
25. Additional Note on PORTA/B Output Timing
Add to the External Bus Interface Operation description on page 4-17: The Port A and Port B output pins tran-
sition after the S4 falling edge for the internal write to the respective data register. This places port pin transi-
tions at roughly the same time DS negates for the data register write - note this output delay is not currently
specified in the Electrical Specifications.
26. RTC Memory Map
The RTC register offsets shown on page 4-21 are incorrect - a corrected memory map is shown below. Ad-
dresses within the RTC can be accessed as either bytes or words, with the exception of the reserved byte at
offset $0CE. Note that RTC registers marked S/U are read/write in supervisor mode, but can only be read in
user mode.
27. MBAR Register Reset Values
On page 4-22, the reset values for MBAR bits 31-12 are undefined.
28. MBAR AS7 Bit and IACK Cycles
On page 4-23, the second code sequence initializes the MBAR register with AS7 set. This prevents the ad-
dress decode for the internal 4K register block from responding to CPU space accesses. In particular, it pre-
vents the register block decode of $FFFFFxxx from interfering with IACK cycles (address $FFFFFFFx), and
possibly corrupting the vector number returned. Normal interrupt acknowledge operation for the internal mod-
ules is not affected by this change.
Early versions of the MC68330 User’s Manual (original release) and MC68340 User’s Manual (original and
Rev. 1 releases) did not show AS7 set. Code which was developed based on these manual revisions should
be checked for this problem when porting to the MC68341 - this change should also be applied back to the
MC68330 and/or MC68340.
29. Additional Note on VCO Overshoot
On page 4-30 place the following note under the Y-bits description:
ADDR
FC
15
8
ADDR
FC
7
0
0C0
S
RTC INTERRUPT CONTROL (RICR)
0C2
S/U
MINUTES (MIN)
0C3
S/U
SECONDS (SEC)
0C4
S/U
DATE
0C5
S/U
HOUR
0C6
S/U
MONTH
0C7
S/U
YEAR
0C8
S
RTC CONTROL/STATUS (RCR)
0C9
S/U
DAY
0CA
S/U
MINUTES ALARM (MINA)
0CB
S/U
SECONDS ALARM (SECA)
0CC
S/U
DATE ALARM (DATEA)
0CD
S/U
HOURS ALARM (HOURA)
0CE
-
RESERVED
0CF
S
RTC CALIBRATION (RCCR)


Similar Part No. - XC68341

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC68341

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Motorola, Inc
MC68360 MOTOROLA-MC68360 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com